Electronic Components Datasheet Search
  English  ▼

X  

MIC3975 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3975
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3975_05 Datasheet HTML 1Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 2Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 3Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 4Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 5Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 6Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 7Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 8Page - Micrel Semiconductor MIC3975_05 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
February 2005
3
MIC3975
MIC3975
Micrel
Electrical Characteristics(Note 12)
VIN = VOUT + 1V; VEN = 2.25V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage
10mA
–1
1
%
10mA ≤ IOUT ≤ 750mA, VOUT + 1V ≤ VIN ≤ 8V
–2
2
%
Line Regulation
IOUT = 10mA, VOUT + 1V ≤ VIN ≤ 16V
0.06
0.5
%
Load Regulation
VIN = VOUT + 1V, 10mA ≤ IOUT ≤ 750mA,
0.2
1
%
ΔVOUT/ΔT
Output Voltage Temp. Coefficient,
40
100
ppm/°C
Note 5
VDO
Dropout Voltage,
Note 6
IOUT = 100mA, ΔVOUT = –1%
140
200
mV
250
mV
IOUT = 500mA, ΔVOUT = –1%
225
mV
IOUT = 750mA, ΔVOUT = –1%
300
500
mV
IGND
Ground Current,
Note 7
IOUT = 100mA, VIN = VOUT + 1V
400
µA
IOUT = 500mA, VIN = VOUT + 1V
4
mA
IOUT = 750mA, VIN = VOUT + 1V
7.5
15
mA
IOUT(lim)
Current Limit
VOUT = 0V, VIN = VOUT + 1V
1.8
2.5
A
Enable Input
VEN
Enable Input Voltage
logic low (off)
0.8
V
logic high (on)
2.25
V
IEN
Enable Input Current
VEN = 2.25V
1
15
30
µA
75
µA
VEN = 0.8V
2
µA
4
µA
Flag Output
IFLG(leak)
Output Leakage Current
VOH = 16V
0.01
1
µA
2
µA
VFLG(do)
Output Low Voltage
VIN = 2.250V, IOL, = 250µA, Note 9
210
300
mV
400
mV
VFLG
Low Threshold
% of VOUT
93
%
High Threshold
% of VOUT
99.2
%
Hysteresis
1
%
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN).......................................–20V to +20V
Enable Voltage (VEN) ..................................................+20V
Storage Temperature (TS) ........................ –65°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
ESD,
Note 3
Operating Ratings (Note 2)
Supply Voltage (VIN)................................... +2.25V to +16V
Enable Voltage (VEN) ..................................................+16V
Maximum Power Dissipation (PD(max))..................... Note 4
Junction Temperature (TJ)........................ –40°C to +125°C
Package Thermal Resistance
MSOP-8 (θJA) ......................................................80°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com