Electronic Components Datasheet Search
  English  ▼

X  

MIC4426BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4426BMM
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4426BMM Datasheet HTML 1Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 2Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 3Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 4Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 5Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 6Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 7Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 8Page - Micrel Semiconductor MIC4426BMM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC4426/4427/4428
Micrel, Inc.
M9999-042108
4
April 2008
Absolute Maximum Ratings(1)
Supply Voltage (VS).....................................................+22V
Input Voltage (VIN).......................... VS + 0.3V to GND – 5V
Junction Temperature (TJ)......................................... 150°C
Storage Temperature................................ –65°C to +150°C
Lead Temperature (10 sec.) ...................................... 300°C
ESD Rating(3)
Operating Ratings(2)
Supply Voltage (VS)...................................... +4.5V to +18V
Temperature Range (TA)
(A)......................................................... –55°C to +125°C
(B)........................................................... –40°C to +85°C
Package Thermal Resistance
PDIP θJA ..........................................................................130°C/W
PDIP θJC ............................................................................ 42°C/W
SOIC θJA ...........................................................120°C/W
SOIC θJC ............................................................75°C/W
MSOP θJA .........................................................250°C/W
Electrical Characteristics(4)
4.5V ≤ Vs ≤ 18V; TA = 25°C, bold values indicate full specified temperature range; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Input
VIH
Logic 1 Input Voltage
2.4
1.4
V
2.4
1.5
V
VIL
Logic 0 Input Voltage
1.1
0.8
V
1.0
0.8
V
IIN
Input Current
0 ≤ VIN ≤ VS
–1
1
µA
Output
VOH
High Output Voltage
VS–0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance
IOUT = 10mA, VS = 18V
6
10
Ω
8
12
Ω
IPK
Peak Output Current
1.5
A
I
Latch-Up Protection
withstand reverse current
>500
mA
Switching Time
tR
Rise Time
test Figure 1
18
30
ns
20
40
ns
tF
Fall Time
test Figure 1
15
20
ns
29
40
ns
tD1
Delay Tlme
test Flgure 1
17
30
ns
19
40
ns
tD2
Delay Time
test Figure 1
23
50
ns
27
60
ns
tPW
Pulse Width
test Figure 1
400
ns
Power Supply
IS
Power Supply Current
VINA = VINB = 3.0V
0.6
1.4
4.5
mA
1.5
8
mA
IS
Power Supply Current
VINA = VINB = 0.0V
0.18
0.4
mA
0.19
0.6
mA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com