Electronic Components Datasheet Search
  English  ▼

X  

MIC4426YN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4426YN
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426YN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4426YN Datasheet HTML 1Page - Micrel Semiconductor MIC4426YN Datasheet HTML 2Page - Micrel Semiconductor MIC4426YN Datasheet HTML 3Page - Micrel Semiconductor MIC4426YN Datasheet HTML 4Page - Micrel Semiconductor MIC4426YN Datasheet HTML 5Page - Micrel Semiconductor MIC4426YN Datasheet HTML 6Page - Micrel Semiconductor MIC4426YN Datasheet HTML 7Page - Micrel Semiconductor MIC4426YN Datasheet HTML 8Page - Micrel Semiconductor MIC4426YN Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2008
1
M9999-042108
MIC4426/4427/4428
Micrel, Inc.
MIC4426/4427/4428
Dual 1.5A-Peak Low-Side MOSFET Driver
General Description
The MIC4426/4427/4428 family are highly-reliable dual low-
sideMOSFETdriversfabricatedonaBiCMOS/DMOSprocess
for low power consumption and high efficiency. These drivers
translate TTL or CMOS input logic levels to output voltage
levels that swing within 25mV of the positive supply or ground.
Comparable bipolar devices are capable of swinging only
to within 1V of the supply. The MIC4426/7/8 is available in
three configurations: dual inverting, dual noninverting, and
one inverting plus one noninverting output.
The MIC4426/4427/4428 are pin-compatible replacements
for the MIC426/427/428 and MIC1426/1427/1428 with im-
proved electrical performance and rugged design (Refer to
the Device Replacement lists on the following page). They
can withstand up to 500mAof reverse current (either polarity)
without latching and up to 5V noise spikes (either polarity)
on ground pins.
Primarily intended for driving power MOSFETs, MIC4426/7/8
driversaresuitablefordrivingotherloads(capacitive,resistive,
orinductive)whichrequirelow-impedance,highpeakcurrent,
and fast switching time. Other applications include driving
heavily loaded clock lines, coaxial cables, or piezoelectric
transducers. The only load limitation is that total driver power
dissipation must not exceed the limits of the package.
Note See MIC4126/4127/4128 for high power and narrow
pulse applications.
Functional Diagram
INA
OUTA
INVERTING
NONINVERTING
0.1mA
0.6mA
2kΩ
INB
OUTB
INVERTING
NONINVERTING
0.1mA
0.6mA
2kΩ
VS
GND
Features
• Bipolar/CMOS/DMOS construction
• Latch-up protection to >500mA reverse current
• 1.5A-peak output current
• 4.5V to 18V operating range
• Low quiescent supply current
4mA at logic 1 input
400µA at logic 0 input
• Switches 1000pF in 25ns
• Matched rise and rall times
• 7Ω output impedance
• <40ns typical delay
• Logic-input threshold independent of supply voltage
• Logic-input protection to –5V
• 6pF typical equivalent input capacitance
• 25mV max. output offset from supply or ground
• Replaces MIC426/427/428 and MIC1426/1427/1428
• Dual inverting, dual noninverting, and inverting/
noninverting configurations
• ESD protection
Applications
• MOSFET driver
• Clock line driver
• Coax cable driver
• Piezoelectic transducer driver
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4426YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426AM MICREL-MIC4426AM Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BM MICREL-MIC4426BM Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BMM MICREL-MIC4426BMM Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4426BN MICREL-MIC4426BN Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4426YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
Dual 1.2A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com