Electronic Components Datasheet Search
  English  ▼

X  

MIC2250 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2250
Description  High-Efficiency Low EMI Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2250 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2250 Datasheet HTML 1Page - Micrel Semiconductor MIC2250 Datasheet HTML 2Page - Micrel Semiconductor MIC2250 Datasheet HTML 3Page - Micrel Semiconductor MIC2250 Datasheet HTML 4Page - Micrel Semiconductor MIC2250 Datasheet HTML 5Page - Micrel Semiconductor MIC2250 Datasheet HTML 6Page - Micrel Semiconductor MIC2250 Datasheet HTML 7Page - Micrel Semiconductor MIC2250 Datasheet HTML 8Page - Micrel Semiconductor MIC2250 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC2250
April 2011
2
M9999-041811-B
Ordering Information
Part Number
Marking
(1)
Junction Temp. Range
Package
(3)
Lead Finish
MIC2250YML
A
ZA
(2)
–40° to +125°C
8-Pin 2mm x 2mm MLF
®
Pb-Free
MIC2250-1YD5
AZ1
(2)
–40° to +125°C
5-Pin Thin SOT-23
Pb-Free
MIC2250-2YD5
AZ2
(2)
–40° to +125°C
5-Pin Thin SOT-23
Pb-Free
Note:
1.
Pin 1 identifier = “
•”.
2.
Over/Underbar (
/__ ) may not be to scale.
3.
MLF® is GREEN RoHs compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin 2mm x 2mm MLF
® (ML)
(Top View)
5-Pin Thin SOT-23 (D5)
(Top View)
Pin Description
Pin Name
Pin Number
MIC2250YML
Pin Number
MIC2250-1YD5
Pin Number
MIC2250-2YD5
Pin Function
FB
1
3
3
Feedback (Input): 1.24V output voltage sense node.
VOUT = 1.24V (1 + R1/R2)
AGND
2
―
―
Analog Ground. Connect to power ground.
PGND
3
2
2
Power Ground.
SW
4
1
1
Switch Node (Input): Internal power NMOS drain.
NC
5
―
―
Not Internally Connected.
VIN
6
5
5
Supply (Input): 2.5V to 5.5V input voltage.
DITH
7
―
4
Frequency Dithering (Input): Connect this pin high to
enable pseudo-random on-time dithering to reduce EMI.
Connect this pin-to-ground to disable this function.
EN
8
4
4
Enable (Input): Logic high enables the regulator. Logic
low shuts down the regulator. Do not leave floating.
HS PAD
EPAD
―
―
Ground (Return): Exposed backside pad. Connect to
power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com