Electronic Components Datasheet Search
  English  ▼

X  

MIC2168BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2168BMM
Description  1MHz PWM Synchronous Buck Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2168BMM Datasheet HTML 1Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 2Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 3Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 4Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 5Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 6Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 7Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 8Page - Micrel Semiconductor MIC2168BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MIC2168
Micrel, Inc.
M9999-040805
4
April 2005
Parameter
Condition
Min
Typ
Max
Units
Error Amplifier
DC Gain
70
dB
Transconductance
1
ms
Soft-Start
Soft-Start Current
After timeout of internal timer. See “Soft-Start” section.
8.5
µ
A
Current Sense
CS Over Current Trip Point
VCS = VIN –0.25V
160
200
240
µ
A
Temperature Coefficient
+1800
ppm/°C
Output Fault Correction Thresholds
Upper Threshold, VFB_OVT
(relative to VFB)
+3
%
Lower Threshold, VFB_UVT
(relative to VFB)
–3
%
Gate Drivers
Rise/Fall Time
Into 3000pF at VIN > 5V
30
ns
Output Driver Impedance
Source, VIN = 5V
6
Ω
Sink, VIN = 5V
6
Ω
Source, VIN = 3V
10
Ω
Sink, VIN = 3V
10
Ω
Driver Non-Overlap Time
Note 6
10
20
ns
Notes:
5. Specification for packaged product only.
6. Guaranteed by design.
Electrical Characteristics(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com