Electronic Components Datasheet Search
  English  ▼

X  

MIC2225 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2225
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2225 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2225 Datasheet HTML 7Page - Micrel Semiconductor MIC2225 Datasheet HTML 8Page - Micrel Semiconductor MIC2225 Datasheet HTML 9Page - Micrel Semiconductor MIC2225 Datasheet HTML 10Page - Micrel Semiconductor MIC2225 Datasheet HTML 11Page - Micrel Semiconductor MIC2225 Datasheet HTML 12Page - Micrel Semiconductor MIC2225 Datasheet HTML 13Page - Micrel Semiconductor MIC2225 Datasheet HTML 14Page - Micrel Semiconductor MIC2225 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC2225
February 2008
13
M9999-022008-D
PCB Layout Recommendations
Top Layer
Bottom Layer
Note:
The above figures demonstrate the recommended layout for the MIC2225 fixed output option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com