Electronic Components Datasheet Search
  English  ▼

X  

MIC2210-MPBML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2210-MPBML
Description  Dual 關Cap LDO with Open-Drain Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2210-MPBML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2210-MPBML Datasheet HTML 1Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 2Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 3Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 4Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 5Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 6Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 7Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 8Page - Micrel Semiconductor MIC2210-MPBML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC2210
November 2006
4
M9999-112006
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................... 0V to 7V
Enable Voltage (VEN).............................................. 0V to 7V
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 5 sec.)........................ 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)....................................... 2.25V to 5.5V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
MLF-10 (
θJA) 1” square 2oz. copper ..................60°C/W
Electrical Characteristics
(4)
VIN = VOUT + 1V for higher output of the regulator pair; COUT = 1µF, IOUT = 100µA; TJ = 25°C, bold values indicate
–40°C< TJ < +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–1
–2
+1
+2
%
%
Output Voltage Temp. Coefficient
40
ppm/C
Line Regulation; Note 5
VIN = VOUT +1V to 5.5V
–0.3
–0.6
0.02
+0.3
+0.6
%/V
%/V
IOUT = 100µA to 150mA (Regulator 1 and 2)
0.2
1
%
Load Regulation
IOUT = 100µA to 300mA (Regulator 2)
1.5
%
IOUT = 150mA (Regulator 1 and 2)
120
190
250
mV
mV
Dropout Voltage; Note 6
IOUT = 300mA (Regulator 2)
240
340
420
mV
mV
IOUT1 = IOUT2 = 0µA
48
65
80
µA
µA
Ground Pin Current
IOUT1 = 150mA & IOUT2 = 300mA
60
µA
Ground Pin Current in Shutdown
VEN ≤ 0.4V
2
µA
f = 1kHz; COUT = 1.0µF ceramic; CBYP = 10nF
60
dB
Ripple Rejection
f = 20kHz; COUT = 1.0µF ceramic; CBYP = 10nF
40
dB
VOUT = 0V (Regulator 1)
150
280
460
mA
Current Limit
VOUT = 0V (Regulator 2)
300
450
700
mA
Output Voltage Noise
COUT =1µF, CBYP =0.01µF, 10Hz to 100kHz
30
µVrms
Enable Output
Logic Low (Regulator Shutdown)
0.6
V
Enable Input Voltage
Logic High (Regulator Enabled)
1.8
V
VIL < 0.6V (Regulator Shutdown)
–1
0.01
+1
µA
Enable Input Current
VIH > 1.8V (Regulator Enabled)
–1
0.01
+1
µA
ERROR Flag Output (LDO2)
Low Threshold, % of nominal VOUT2 (Flag ON)
90
%
VERR
High Threshold, % of nominal VOUT2 (Flag OFF)
96
%
VOL
Flag Output Logic Low Voltage; IL = 100µA
0.02
0.1
mV
IERR
Flag Leakage Current, Flag OFF
–1
0.01
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com