Electronic Components Datasheet Search
  English  ▼

X  

MIC833 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC833
Description  Comparator and Reference with Adj. Hystersis
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC833 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC833 Datasheet HTML 1Page - Micrel Semiconductor MIC833 Datasheet HTML 2Page - Micrel Semiconductor MIC833 Datasheet HTML 3Page - Micrel Semiconductor MIC833 Datasheet HTML 4Page - Micrel Semiconductor MIC833 Datasheet HTML 5Page - Micrel Semiconductor MIC833 Datasheet HTML 6Page - Micrel Semiconductor MIC833 Datasheet HTML 7Page - Micrel Semiconductor MIC833 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 2001
3
MIC833
MIC833
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DD) ..................................... –0.3V to +7V
Input Voltages (V
LTH, VHTH) .......................................... +7V
Output Current (I
OUT) ................................................. 20mA
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
DD) .................................. +1.5V to +5.5V
Input Voltage (V
LTH, VHTH) ............................ –0.3V to +6V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Junction Temperature (T
J) ....................... Internally Limited
Package Thermal Resistance (
θ
JA) ...................... 260°C/W
Electrical Characteristics
1.5V
≤ V
DD ≤ 5.5V; TA = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
outputs not asserted
1
2
µA
I
LTH, IHTH
Input Leakage Current
0.005
10
nA
V
REF
Reference Voltage
1.221
1.240
1.259
V
t
D
Propagation Delay
V
LTH = 1.352V to 1.128V
5
µs
V
HTH = 1.128V to 1.352V
5
µs
V
OUT
Output Voltage-Low, Note 4
OUT de-asserted, I
SINK = 1.6mA, VDD ≥ 1.6V
0.3
V
OUT de-asserted, I
SINK = 100µA, VDD ≥ 1.2V
0.4
V
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
V
DD operating range is 1.5V to 5.5V. output is guaranteed to be held low down to VDD = 1.2V.
Functional Diagram
VHI
VLO
VIN
(Note B)
VPULL-UP
0V
Note A
Note A
VOUT
Note A.
Brief transients are ignored by the MIC833. See “Applications Information.”
Note B.
V
LTH > VLO >VREF.
Timing Diagram
VREF + 100mV
VREF – 100mV
VREF
Inputs
VPULL-UP
VLTH VHTH
0V
tD
tD
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com