Electronic Components Datasheet Search
  English  ▼

X  

MIC2095 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2095
Description  Current-Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2095 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2095 Datasheet HTML 1Page - Micrel Semiconductor MIC2095 Datasheet HTML 2Page - Micrel Semiconductor MIC2095 Datasheet HTML 3Page - Micrel Semiconductor MIC2095 Datasheet HTML 4Page - Micrel Semiconductor MIC2095 Datasheet HTML 5Page - Micrel Semiconductor MIC2095 Datasheet HTML 6Page - Micrel Semiconductor MIC2095 Datasheet HTML 7Page - Micrel Semiconductor MIC2095 Datasheet HTML 8Page - Micrel Semiconductor MIC2095 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Micrel, Inc.
MIC2095/97/98/99
August 2011
3
M9999-080211-C
Pin Description
Pin Number
Pin Name
Pin Function
1
VOUT
Switch output (Output): The load being driven by the switch is connected to this pin.
2
(MIC2095/MIC2098)
NC
No Connect; Pin not used.
2
(MIC2097/MIC2099)
ILIMIT
Current Limit (Input): A resistor from this pin to ground sets the current limit value. See
the “setting ILMIIT” section for details on setting the resistor value.
3
FAULT/
Fault status (Output): A logic low on this pin indicates the switch is in current limiting, or
has been shut down by the thermal protection circuit. This is an open-drain output
allowing logical OR’ing of FAULT/ outputs from multiple devices.
4
(MIC2095-1/MIC2097-1/
MIC2098-1/MIC2099-1)
ENABLE
Switch Enable (Input): Logic high on this pin enables the switch.
4
(MIC2095-2/MIC2097-2/
MIC2098-2/MIC2099-2)
ENABLE/
Switch Enable (Input): Logic low on this pin enables the switch.
5
GND
Ground.
6
VIN
Power input (Input): This pin provides power to both the output power switch and the
internal control circuitry.
EP
EP
Used to remove heat from die. Connect to ground. Use multiple vias to the ground
plane to minimize thermal impedance. See Applications Section for additional
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com