Electronic Components Datasheet Search
  English  ▼

X  

NESG220034 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # NESG220034
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG220034 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button NESG220034 Datasheet HTML 3Page - Renesas Technology Corp NESG220034 Datasheet HTML 4Page - Renesas Technology Corp NESG220034 Datasheet HTML 5Page - Renesas Technology Corp NESG220034 Datasheet HTML 6Page - Renesas Technology Corp NESG220034 Datasheet HTML 7Page - Renesas Technology Corp NESG220034 Datasheet HTML 8Page - Renesas Technology Corp NESG220034 Datasheet HTML 9Page - Renesas Technology Corp NESG220034 Datasheet HTML 10Page - Renesas Technology Corp NESG220034 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Each Input Power Pin (each) (dBm)
VCE = 5 V,
IC (set) = 40 mA,
f1 = 1.000 GHz,
f2 = 1.001 GHz
–50
–80
0
10
20
–10
–20
30
EACH OUTPUT POWER ,IM3
vs. EACH INPUT POWER
Pout (each)
IM3
–70
–60
–20
–40
–40
–10
20
0
10
40
30
Input Power Pin (dBm)
COLLECTOR CURRENT vs. INPUT POWER
40
30
20
0
10
–10
400
500
200
100
300
0
–20
0
10
–10
20
VCE = 5 V,
IC (set) = 40 mA,
f = 1 GHz
GL
Pout
IC
OUTPUT POWER, LINEAR GAIN,
30
Collector Current IC (mA)
OUTPUT 3RD ORDER INTERCEPT POINT
vs. COLLECTOR CURRENT
40
30
20
10
0
1
10
100
VCE = 5 V,
f1 = 1.000 GHz,
f2 = 1.001 GHz
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
4
3
2
1
0
16
14
12
10
8
6
2
4
1
10
100
VCE = 5 V,
f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
Ga
NF
0
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our Web site in a format (S2P) that enables the direct import
of the parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.necel.com/microwave/en/
Data Sheet PU10767EJ02V0DS
7
NESG220034



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com