Electronic Components Datasheet Search
  English  ▼

X  

NESG240034 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # NESG240034
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG240034 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button NESG240034 Datasheet HTML 3Page - Renesas Technology Corp NESG240034 Datasheet HTML 4Page - Renesas Technology Corp NESG240034 Datasheet HTML 5Page - Renesas Technology Corp NESG240034 Datasheet HTML 6Page - Renesas Technology Corp NESG240034 Datasheet HTML 7Page - Renesas Technology Corp NESG240034 Datasheet HTML 8Page - Renesas Technology Corp NESG240034 Datasheet HTML 9Page - Renesas Technology Corp NESG240034 Datasheet HTML 10Page - Renesas Technology Corp NESG240034 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Each Input Power Pin (each) (dBm)
VCE = 5 V,
IC (set) = 40 mA,
f1 = 1.000 GHz,
f2 = 1.001 GHz
–50
–80
0
10
20
–10
–20
30
EACH OUTPUT POWER, IM3
vs. EACH INPUT POWER
Pout
IM3
–70
–60
–20
–40
–30
–10
20
0
10
40
30
Input Power Pin (dBm)
COLLECTOR CURRENT vs. INPUT POWER
35
30
20
0
5
–10
400
450
150
100
250
0
–20
0
10
–10
20
VCE = 5 V,
IC (set) = 40 mA,
f = 1 GHz
GL
Pout
IC
OUTPUT POWER, LINEAR GAIN,
30
25
15
10
–5
350
300
200
50
Collector Current IC (mA)
OUTPUT 3RD ORDER INTERCEPT POINT
vs. COLLECTOR CURRENT
40
30
20
10
0
1
10
100
VCE = 5 V,
f1 = 1.000 GHz,
f2 = 1.001 GHz
Collector Current IC (mA)
NOISE FIGURE, ASSOCIATED GAIN
vs. COLLECTOR CURRENT
4
3
2
1
0
16
14
12
10
8
6
2
4
1
10
100
VCE = 5 V,
f = 1 GHz,
ZS = ZSopt, ZL = 50
Ω
Ga
NF
0
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters and noise parameters are provided on our Web site in a format (S2P) that enables the direct import
of the parameters to microwave circuit simulators without the need for keyboard inputs.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.necel.com/microwave/en/
Data Sheet PU10769EJ02V0DS
7
NESG240034



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com