Electronic Components Datasheet Search
  English  ▼

X  

DS1086LU Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1086LU
Description  3.3V Spread-Spectrum EconOscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086LU Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1086LU Datasheet HTML 1Page - Maxim Integrated Products DS1086LU Datasheet HTML 2Page - Maxim Integrated Products DS1086LU Datasheet HTML 3Page - Maxim Integrated Products DS1086LU Datasheet HTML 4Page - Maxim Integrated Products DS1086LU Datasheet HTML 5Page - Maxim Integrated Products DS1086LU Datasheet HTML 6Page - Maxim Integrated Products DS1086LU Datasheet HTML 7Page - Maxim Integrated Products DS1086LU Datasheet HTML 8Page - Maxim Integrated Products DS1086LU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3.3V Spread-Spectrum EconOscillator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = 2.7V to 3.6V, TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.3
3.6
V
High-Level Input Voltage
(SDA, SCL, SPRD,
PDN, OE)
VIH
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL SPRD,
PDN, OE)
VIL
-0.3
0.3 x
VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.6V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = min
2.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0
0.4
V
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0
0.6
V
High-Level Input Current
IIH
VCC = 3.6V
1
µA
Low-Level Input Current
IIL
VIL = 0V
-1
µA
Supply Current (Active)
ICC
CL = 15pF (output at default frequency)
10
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
10
µA
Voltage Range on VCC Relative to Ground ..........-0.5V to +6.0V
Voltage Range on SPRD,
PDN, OE, SDA, and SCL
Relative to Ground* ..................................-0.5 to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
µSOP (derate 4.5mW/°C above +70°C)........................362mW
Operating Temperature Range ...........................-40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +150°C
Soldering Temperature (reflow)
Lead(Pb)-free................................................................+260°C
Containing lead(Pb) ......................................................+240°C
*
This voltage must not exceed 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com