Electronic Components Datasheet Search
  English  ▼

X  

DS1086Z Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1086Z
Description  Spread-Spectrum EconOscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086Z Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1086Z Datasheet HTML 2Page - Maxim Integrated Products DS1086Z Datasheet HTML 3Page - Maxim Integrated Products DS1086Z Datasheet HTML 4Page - Maxim Integrated Products DS1086Z Datasheet HTML 5Page - Maxim Integrated Products DS1086Z Datasheet HTML 6Page - Maxim Integrated Products DS1086Z Datasheet HTML 7Page - Maxim Integrated Products DS1086Z Datasheet HTML 8Page - Maxim Integrated Products DS1086Z Datasheet HTML 9Page - Maxim Integrated Products DS1086Z Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Operating Characteristics
(VCC = 5.0V, TA = 25°C, unless otherwise noted)
Spread-Spectrum EconOscillator
6
_______________________________________________________________________________________
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
50
30
40
20
10
11
12
13
14
15
16
17
18
19
20
10
070
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
5.15
5.05
4.95
4.85
4.75
5.25
11
12
13
14
15
16
17
18
19
20
10
SUPPLY CURRENT vs. PRESCALER
PRESCALER
200
150
100
50
0250
11
12
13
14
15
16
17
18
19
20
10
5.25V
5.0V
4.75V
SUPPLY CURRENT vs. PRESCALER
PRESCALER
200
150
100
50
0250
11
12
13
14
15
16
17
18
19
20
10
70
°C, 25°C, AND 0°C
SUPPLY CURRENT vs. TEMPERATURE
WITH OE = 0
TEMPERATURE (
°C)
60
50
30
40
20
10
1
2
3
4
5
6
7
8
9
10
0
070
SUPPLY CURRENT vs. TEMPERATURE
WITH PDN = 0
TEMPERATURE (
°C)
60
50
30
40
20
10
1
2
3
4
5
6
7
8
9
10
0
070
FREQUENCY PERCENT CHANGE
vs. SUPPLY VOLTAGE
VOLTAGE (V)
5.15
5.05
4.95
4.85
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
4.75
5.25
FREQUENCY PERCENT CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
50
30
40
20
10
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com