Electronic Components Datasheet Search
  English  ▼

X  

C11287 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C11287
Description  Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11287 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C11287 Datasheet HTML 1Page - Hamamatsu Corporation C11287 Datasheet HTML 2Page - Hamamatsu Corporation C11287 Datasheet HTML 3Page - Hamamatsu Corporation C11287 Datasheet HTML 4Page - Hamamatsu Corporation C11287 Datasheet HTML 5Page - Hamamatsu Corporation C11287 Datasheet HTML 6Page - Hamamatsu Corporation C11287 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Driver circuits for CCD image sensor
C11287, C11288
Specifications (Typ. Ta=25 °C, unless otherwise noted)
Parameter
Condition
C11287
C11288
Unit
S10420-
1004-01
S10420-
1006-01,
S11510-
1000
S10420-
1104-01
S10420-
1106-01,
S11510-
1106
S11071-
1004
S11071-
1006
S11071-
1104
S11071-
1106
Scanning
250 k
4 M
Hz
Frame readout time
4.8
5.7
8.9
9.8
0.62
1.58
0.79
1.75
ms
Data transfer time
4.3
4.3
8.4
8.4
0.22
0.22
0.44
0.44
Total transfer time
4.8
5.7
8.9
9.8
0.84
1.80
1.23
2.19
A/D conversion resolution 16383ADU
14
bit
Conversion gain
12.2
e-/ADU
Readout noise
3
7
ADU
Dynamic range
5461
2730
-
Interface
USB 2.0
-
Supply voltage
C11287 360 mA typ.
DC + 4.5 to 5.5
V
C11288 650 mA typ.
Storage temperature
-20 to + 70
°C
Operating temperature
0 to + 50
°C
Operating humidity
No condensation
70 max.
%
Dimension
80 (H) × 70 (W)
80 (H) × 80 (W)
mm
Weight
Approx. 60
Approx. 65
g
Functions
Parameter
Specification
Operating
mode setting
Suspend mode (LED-off)
The power supply is turned off.
Standby mode (LED-white)
It is Standby state, in which the data acquisition is possible.
Data transfer mode
(LED-green, aqua, blue)
In this mode, the driver circuit sends the data to PC.
Selectable
data
acquisition
modes
Internal synchronous mode
("INT" mode)
Data is acquired on the basis of the trigger timing generated by application software.
External synchronous mode 1
("EXT.EDGE" mode)
Data is acquired in synchronization with the external trigger signal input from the
BNC connector. In synchronization with an edge of the external trigger signal, data is
accumulated for the set integration time and is then output.
External synchronous mode 2
("EXT.LEVEL" mode)
Data is acquired in synchronization with the external trigger signal input from the BNC
connector. Data is accumulated for a period equal to the pulse width of the external
trigger signal and is then output.
Gain adjustment
The gain value can be varied in the range of “1 to 10” with the step of 1. Default value is
"1".
Offset adjustment
The offset value can be varied in the range of “0 to 1020” with the step of 4. Default
value is "40".
Pulse output signal setting
It is possible to set the timing of the pulse output signal that is output from the “BNC
connector for pulse output” of the driver circuit.
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com