Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N055T2 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXTP90N055T2
Description  DC to DC Synchronous Converter Design
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N055T2 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IXTP90N055T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 9Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 10Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
8
ISL6594D Specification:
Recommended devices for this application:
1. IXTA90N055T2
VDS = 55V, Id25=90A
Qg(on) = 42nC, Qgs = 14nC, Qgd = 8.5nC,
td(on) = 19nS, tr = 21nS, td(off) = 39nS, tf = 19nS.
Rds(on) = 8.4m
Ω
Vgs(th) = 2-4V, gfs = 43
Ciss = 2670pF, Coss = 420pF, Crss = 100pF
Or,
1. IXTA110N055T2
Vds = 55V, Id25=110A
Qg(on) = 57nC, Qgs = 16nC, Qgd = 11nC,
td(on) = 18nS, tr = 25nS, td(off) = 40nS, tf = 23nS.
Rds(on) = 6.6m
Ω , Vgs(th) = 2-4V, g
fs = 49
Ciss = 3060pF, Coss = 497pF, Crss = 105pF
Analysis based on Above IXTA90N055T2:
nC
nC
nC
Q
SW
G
5
.
15
2
14
5
.
8
)
(
=
+
=
The “point of voltage” is defined by,
fs
O
TH
SP
g
I
V
V
+
=
V
35
.
3
43
15
3
=
+
=
The driver current is,
Gate
UP
PULL
DRIVER
SP
DD
H
L
DRIVER
R
R
V
V
I
+
−
=
−
−
)
(
)
(
A
33
.
1
5
65
.
6
2
3
35
.
3
10
=
=
+
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com