Electronic Components Datasheet Search
  English  ▼

X  

AM2381P Datasheet(PDF) 1 Page - Analog Power

Part # AM2381P
Description  P-Channel 80-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2381P Datasheet(HTML) 1 Page - Analog Power

  AM2381P Datasheet HTML 1Page - Analog Power AM2381P Datasheet HTML 2Page - Analog Power AM2381P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM2381P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2381_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) ( )
ID (A)
0.5 @ VGS = -10V
1.4
0.6 @ VGS = -4.5V
1.3
PRODUCT SUMMARY
-80
P-Channel 80-V (D-S) MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOT-23 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-80
VGS
±20
TA=25
o
C
0.9
TA=70
o
C
0.7
IDM
±1.6
IS
-1
A
TA=25
o
C
1.3
TA=70
o
C
0.8
TJ, Tstg
-55 to 150
o
C
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
D
S
G
Symbol
Maximum Units
t <= 5 sec
100
Steady-State
166
THERMAL RESISTANCE RATINGS
Parameter
o
C/W
Maximum Junction-to-Ambient
a
RTHJA


Similar Part No. - AM2381P

ManufacturerPart #DatasheetDescription
logo
Eltime Ltd.
AM23 TEMPATRON-AM23 Datasheet
92Kb / 1P
ANALOGUE TIMERS ELECTROMECHANICAL CAM TIMERS
logo
AiT Semiconductor Inc.
AM2300 AITSEMI-AM2300 Datasheet
501Kb / 9P
MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3R AITSEMI-AM2300E3R Datasheet
501Kb / 9P
MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SR AITSEMI-AM2300E3SR Datasheet
501Kb / 9P
MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SVR AITSEMI-AM2300E3SVR Datasheet
501Kb / 9P
MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
More results

Similar Description - AM2381P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2337DS VISHAY-SI2337DS_08 Datasheet
110Kb / 7P
P-Channel 80-V (D-S) MOSFET
30-Jul-07
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
P-Channel 80-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
P-Channel 80-V (D-S) MOSFET
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
P-Channel 80-V (D-S) MOSFET
02-Feb-09
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
P-Channel 80 V (D-S) MOSFET
20-May-2019
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
P-Channel 80 V (D-S) MOSFET
19-Oct-2020
SI7469DP VISHAY-SI7469DP_V01 Datasheet
307Kb / 13P
P-Channel 80-V (D-S) MOSFET
16-Feb-09
SUP60061EL VISHAY-SUP60061EL Datasheet
147Kb / 7P
P-Channel 80 V (D-S) MOSFET
25-Jan-2021
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
P-Channel 80 V (D-S) MOSFET
14-Feb-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com