Electronic Components Datasheet Search
  English  ▼

X  

AM4490N Datasheet(PDF) 4 Page - Analog Power

Part # AM4490N
Description  N-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4490N Datasheet(HTML) 4 Page - Analog Power

  AM4490N Datasheet HTML 1Page - Analog Power AM4490N Datasheet HTML 2Page - Analog Power AM4490N Datasheet HTML 3Page - Analog Power AM4490N Datasheet HTML 4Page - Analog Power AM4490N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AM4490N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4490_E
4
Typical Electrical Characteristics
Normalized Thermal Transient Impedance, Junction-to-Ambient
Single Pulse Power
Threshold Voltage
Source-Drain Diode Forward Voltage
On-Resistance vs.Gate-to Source Voltage
0
10
20
30
0.01
0.1
1
10
100
Time (sec)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Puls e Duration (se c)
R
θ
J A(t) = r(t) * RθJA
R
θ
JA = 125 °C/W
T
J - TA = P *
R
θJA(t)
Duty Cycle, D = t
1
/ t
P(pk
t
1
t
2
SINGLEPULSE
0.01
0.02
0.05
0.1
0.2
D =0.5
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
125
oC
25
oC
1.4
1.7
2
2.3
2.6
2.9
3.2
-50
-25
0
25
50
75
100
125
150
175
TJ - Temperature (
oC)
ID = 250µA
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
2
4
6
8
10
VGS Gate to Source Voltage(V)
Id=10A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com