Electronic Components Datasheet Search
  English  ▼

X  

AM4929P Datasheet(PDF) 4 Page - Analog Power

Part # AM4929P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4929P Datasheet(HTML) 4 Page - Analog Power

  AM4929P Datasheet HTML 1Page - Analog Power AM4929P Datasheet HTML 2Page - Analog Power AM4929P Datasheet HTML 3Page - Analog Power AM4929P Datasheet HTML 4Page - Analog Power AM4929P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AM4929P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4929_E
4
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
t1, TIME (SEC)
SINGLE PULSE
RqJA = 125oC/W
TA = 25oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
0
0.03
0.06
0.09
0.12
0.15
1
2
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIM E (s ec )
S INGLE P ULS E
0.01
0.02
0.0
0.1
0.2
D = 0.5
RqJ A(t) = r(t) +R qJ A
癈
R qJ A = 125
/W
TJ - TA = P *R qJ A(t)
Duty C ycle , D = t1/ t2
P (pk)
t1
t2
Typical Electrical Characteristics (P-Channel)
Figure 11. Transient Thermal Response Curve
Figure 10. Single Pulse Maximum Power Dissipation
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 7. Source-Drain Diode Forward Voltage
Figure 8. On-Resistance with Gate to Source Voltage
Normalized Thermal Transient Junction to Ambient
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
ID = -250µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com