Electronic Components Datasheet Search
  English  ▼

X  

AM7334N Datasheet(PDF) 3 Page - Analog Power

Part # AM7334N
Description  N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7334N Datasheet(HTML) 3 Page - Analog Power

  AM7334N Datasheet HTML 1Page - Analog Power AM7334N Datasheet HTML 2Page - Analog Power AM7334N Datasheet HTML 3Page - Analog Power AM7334N Datasheet HTML 4Page - Analog Power AM7334N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AM7334N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7334_B
3
Typical Electrical Characteristics (N-Channel)
Figure 3. On-Resistance Variation with Temperature
Figure 5. Transfer Characteristics
Figure 2. On-Resistance with Drain Current
Figure 4. On-Resistance Variation with
Gate to Source Voltage
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 1. On-Region Characteristics
0 .6
0 .8
1.0
1.2
1.4
1.6
-50
-2 5
0
2 5
50
75
10 0
12 5
150
T J Juncat ion T emperat ure (C)
VGS = 10V
ID = 10A
0
10
20
30
40
50
60
0
1
2
3
4
5
6
VGS Gate to S o urc e Vo ltage (V)
25C
125C
-55C
VD=5V
0
10
20
30
40
50
0
0.5
1
1.5
2
VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
6.0V
4.0V
VGS = 10V
0.5
0.8
1.1
1.4
1.7
2
0
10
20
30
40
50
ID, DRAIN CURRENT (A)
4.5V
10V
6.0V
0
0.01
0.02
0.03
0.04
0.05
2
4
6
8
10
VGS, Gate To Source Voltage (V)
ID = 10A
TA = 25
o
C
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
VGS = 0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com