Electronic Components Datasheet Search
  English  ▼

X  

IL1 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL1
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL1 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL1 Datasheet HTML 1Page - Siemens Semiconductor Group IL1 Datasheet HTML 2Page - Siemens Semiconductor Group IL1 Datasheet HTML 3Page - Siemens Semiconductor Group IL1 Datasheet HTML 4Page - Siemens Semiconductor Group IL1 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5–3
IL1/2/5
SWITCHING TIMES
Figure 1. Non-saturated switching timing
Figure 2. Saturated switching timing
VO
VCC=5 V
RL=75 Ω
IF=10 mA
F=10 KHz
DF=50%
VO
VCC=5 V
RL
IF=10 mA
F=10 KHz
DF=50%
Figure 3. Non-saturated switching timing
Figure 4. Saturated switching timing
V0
IF
tPHL
tS
tR
tF
tD
50%
tPLH
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
Non-Saturated Switching Time Table-Typical
Saturated Switching Time Table-Typical
Characteristic
Sym
IL1
IF=20 mA
IL2
IF=5 mA
IL5
IF=10 mA
Unit
Test Condition
Delay
TD
0.8
1.7
1.7
µs
Rise Time
tR
1.9
2.6
2.6
µsV
CC=5 V
Storage
tS
0.2
0.4
0.4
µsR
L=75 Ω
Fall Time
tF
1.4
2.2
2.2
µs
Propagation H-L
tPHL
0.7
1.2
1.1
µst
p measured at 50% of output
PropagationL-H
tPLH
1.4
2.3
2.5
µs
Characteristic
Sym
IL1
IF=20 mA
IL2
IF=5 mA
IL5
IF=10 mA
Unit
Test Condition
Delay
TD
0.8
1
1.7
µs
Rise Time
tR
1.2
2
7
µsV
CL=5.0 V
Storage
tS
7.4
5.4
4.6
µsV
CE=0.4
Fall Time
tF
7.6
13.5
20
µsR
L=1 K
Propagation H-L
tPHL
1.6
5.4
2.6
µsV
TH=1.5 V
Propagation L-H
tPLH
8.6
7.4
7.2
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com