Electronic Components Datasheet Search
  English  ▼

X  

AHC08 Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AHC08
Description  AC-DC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AHC08 Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AHC08 Datasheet HTML 1Page - Arch Electronics Corp. AHC08 Datasheet HTML 2Page - Arch Electronics Corp. AHC08 Datasheet HTML 3Page - Arch Electronics Corp. AHC08 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VER : C_0
update : 2012.01.20
AC-DC Power Module
AHC08 SERIES
8 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
SCREW TERMINAL
AHC08-A2
PIN#
Single
Dual
1
NO CONNECT
NO CONNECT
2
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
4.
NO CONNECT
NO CONNECT
5
+DC OUT
+DC OUT
6
-DC OUT
-DC OUT
7
NO CONNECT
VR
8
NO CONNECT
NO CONNECT
AHC08-A5
PIN#
Single
Dual
1
NO CONNECT
NO CONNECT
2
AC IN (N)
AC IN (N)
3
AC IN (L)
AC IN (L)
4.
NO CONNECT
NO CONNECT
5
+DC OUT
+DC OUT
6
-DC OUT
-DC OUT
7
NO CONNECT
VR
8
NO CONNECT
NO CONNECT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com