Electronic Components Datasheet Search
  English  ▼

X  

ALF150 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # ALF150
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF150 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  ALF150 Datasheet HTML 1Page - Arch Electronics Corp. ALF150 Datasheet HTML 2Page - Arch Electronics Corp. ALF150 Datasheet HTML 3Page - Arch Electronics Corp. ALF150 Datasheet HTML 4Page - Arch Electronics Corp. ALF150 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF150 SERIES
150 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
DERATING
BLOCK DIAGRAM
EFFICIENCY VERSUS LOAD
ALF150-12S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
Efficiency (%)
85.94
88.27
90.12
90.89
Input Voltage (V)
264
277
305
Efficiency (%)
91.16
91.23
90.91
Load (%)
10
20
30
40
50
115V (%)
72.53
82.66
86.12
87.97
88.32
230V (%)
70.26
80.45
85.15
87.96
89.37
Load (%)
60
70
80
90
100
115V (%)
88.53
88.83
88.75
88.51
88.33
230V (%)
90.30
90.96
90.82
90.83
90.89
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V180V230V264V277V305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com