Electronic Components Datasheet Search
  English  ▼

X  

SPD127-183M Datasheet(PDF) 1 Page - API Delevan

Part # SPD127-183M
Description  Shielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SPD127-183M Datasheet(HTML) 1 Page - API Delevan

  SPD127-183M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Physical Parameters
Inches
Millimeters
A
0.472 ± 0.032
12.0 ± 0.8
B
0.472 ± 0.032
12.0 ± 0.8
C
0.236 Max.
6.0 Max. (Series SPD125)
0.315 Max.
8.0 Max. (Series SPD127)
D
0.300 ± 0.020
7.6 ± 0.5
E
0.198 ± 0.020
5.0 ± 0.5
F
0.086 ± 0.020
2.18 ± 0.5
G
0.015 Ref. only
0.38 Ref. only
H
0.075 Ref. only
1.91 Ref. only
I
0.198 Ref. only
5.03 Ref. only
Mechanical Configuration Units designed for surface
mounting; ferrite core and ferrite sleeve
Operating temperature range –55°C to +125°C
Application Frequency Range
Values 2.2µH to 10µH to 1.0 MHz Min.
Values above 10µH to 300 kHz Min.
Current Rating at 25°C Ambient The maximum DC current
that will cause a 40°C maximum temperature rise and where
the inductance will not decrease by more than 10% from its
zero DC value
Marking For values lower than 10 H the R indicates a decimal
point and the remaining digits indicate the inductance in H.
For values 10 H and above, the first two digits indicate the
inductance in H and the third digit indicates the number of
trailing zeros where a zero indicates that there are no trailing
zeros.
Example: SPD125R-222M (2.2 H)
2R2
Example: SPD127R-105M (1,000 H)
102
Packaging Tape & reel (24mm):
13" reel, 500 pieces max.; 7" reel not available
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES
Shielded Surface Mount Inductors
SPD125R & SPD127R
SPD125 & SPD127
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
SERIES SPD125 FERRITE CORE & SLEEVE
-222M
-332M
-472M
-682M
-103M
-123M
-153M
-183M
-223M
-273M
-333M
-393M
-473M
-563M
-683M
-823M
-104M
-124M
-154M
-184M
-224M
-274M
-334M
-394M
-474M
-564M
-684M
-824M
-105M
SERIES SPD127 FERRITE CORE & SLEEVE
-222M
-332M
-472M
-682M
-103M
-123M
-153M
-183M
-223M
-273M
-333M
-393M
-473M
-563M
-683M
-823M
-104M
-124M
-154M
-184M
-224M
-274M
-334M
-394M
-474M
-564M
-684M
-824M
-105M
7.00
5.50
5.00
4.50
4.00
3.50
3.30
3.00
2.80
2.30
2.10
2.00
1.80
1.60
1.50
1.40
1.30
1.10
1.00
0.90
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
8.50
7.50
6.80
6.20
5.40
4.90
4.50
3.90
3.60
3.40
3.00
2.80
2.50
2.30
2.10
1.90
1.70
1.60
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.75
0.70
0.65
0.62
0.020
0.030
0.040
0.050
0.055
0.060
0.065
0.070
0.075
0.085
0.095
0.105
0.115
0.135
0.170
0.190
0.210
0.250
0.300
0.350
0.420
0.510
0.600
0.750
0.820
1.000
1.300
1.650
2.000
0.015
0.018
0.022
0.030
0.040
0.045
0.048
0.052
0.055
0.060
0.065
0.080
0.100
0.120
0.140
0.170
0.220
0.250
0.320
0.360
0.390
0.520
0.620
0.750
0.980
1.150
1.220
1.400
1.540
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Actual Size
Top
Bottom
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/25/10 3:05 PM Page 92


Similar Part No. - SPD127-183M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127-183M ETC1-SPD127-183M Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - SPD127-183M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
M1331-101K API-M1331-101K Datasheet
414Kb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com