Electronic Components Datasheet Search
  English  ▼

X  

DS28EC20 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28EC20 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS28EC20 Datasheet HTML 17Page - Maxim Integrated Products DS28EC20 Datasheet HTML 18Page - Maxim Integrated Products DS28EC20 Datasheet HTML 19Page - Maxim Integrated Products DS28EC20 Datasheet HTML 20Page - Maxim Integrated Products DS28EC20 Datasheet HTML 21Page - Maxim Integrated Products DS28EC20 Datasheet HTML 22Page - Maxim Integrated Products DS28EC20 Datasheet HTML 23Page - Maxim Integrated Products DS28EC20 Datasheet HTML 24Page - Maxim Integrated Products DS28EC20 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
21 of 27
1-Wire SIGNALING
The DS28EC20 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on
one line: reset sequence with reset pulse and presence pulse, write-zero, write-one, and read-data. Except for the
presence pulse, the bus master initiates all falling edges. The DS28EC20 can communicate at two different
speeds: standard speed and overdrive speed. If not explicitly set into the Overdrive mode, the DS28EC20
communicates at standard speed. While in Overdrive mode the fast timing applies to all waveforms. For operation
at overdrive speed, the DS28EC20 requires VPUP to be 5V ±5%.
To get from idle to active, the voltage on the 1-Wire line needs to fall from VPUP below the threshold VTL. To get
from active to idle, the voltage needs to rise from VILMAX past the threshold VTH. The time it takes for the voltage to
make this rise is seen in Figure 10 as
, and its duration depends on the pullup resistor (R
PUP) used and the
capacitance of the 1-Wire network attached. The voltage VILMAX is relevant for the DS28EC20 when determining a
logical level, not triggering any events.
Figure 10 shows the initialization sequence required to begin any communication with the DS28EC20. A reset
pulse followed by a presence pulse indicates that the DS28EC20 is ready to receive data, given the correct ROM
and memory function command. If the bus master uses slew-rate control on the falling edge, it must pull down the
line for tRSTL + tF to compensate for the edge. A tRSTL duration of 480µs or longer exits the Overdrive mode,
returning the device to standard speed. If the DS28EC20 is in Overdrive mode and tRSTL is no longer than 80µs, the
device remains in Overdrive mode. If the device is in Overdrive mode and tRSTL is between 80µs and 480µs, the
device resets, but the communication speed is undetermined.
Figure 10. Initialization Procedure: Reset and Presence Pulse
RESISTOR
MASTER
DS28EC20
tRSTL
tPDL
tRSTH
tPDH
MASTER TX “RESET PULSE” MASTER RX “PRESENCE PULSE”
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
tF
tREC
tMSP
After the bus master has released the line it goes into Receive mode. Now the 1-Wire bus is pulled to VPUP through
the pullup resistor, or in case of a DS2482-x00 or DS2480B driver, by active circuitry. When the threshold VTH is
crossed, the DS28EC20 waits for tPDH and then transmits a presence pulse by pulling the line low for tPDL. To detect
a presence pulse, the master must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is expired, the
DS28EC20 is ready for data communication. In a mixed population network, tRSTH should be extended to minimum
480µs at standard speed and 48µs at overdrive speed to accommodate other 1-Wire devices.
Read-/Write-Time Slots
Data communication with the DS28EC20 takes place in time slots, which carry a single bit each. Write-time slots
transport data from bus master to slave. Read-time slots transfer data from slave to master. Figure 11 illustrates
the definitions of the write- and read-time slots.
All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line falls below the
threshold VTL, the DS28EC20 starts its internal timing generator that determines when the data line is sampled
during a write-time slot and how long data is valid during a read-time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com