Electronic Components Datasheet Search
  English  ▼

X  

SJ2000 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # SJ2000
Description  Shorting Plugs and Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

SJ2000 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  SJ2000 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• These Shorting Plugs and Jacks are used in conjunction with Aries DIP Strips,
available separately, for your programming needs. Consult Data Sheet 16007 and
Data Sheet 16008 for details.
• Convenient handle for insertion and withdrawal.
• Jacks available in both RoHS and Sn/Pb versions
SHORTING JACK (SJ200) SPECIFICATIONS
• BODY MATERIAL: Black UL 94V-0 Glass-filled 4/6 Nylon
• PIN BODY: Brass 360 1/2-hard per UNS C36000 ASTM-B16-00
• PIN BODY PLATING: 200μ [5.08μm] min. Sn per ASTM B545 Type 1 over 100μ
[2.54μm] min. Ni per SAE-AMS-QQ-N-290 -OR- 200μ [5.08μm] min. 93/7
Sn/Pb per ASTM B545 over 100μ [2.54μm] min. Ni per SAE-AMS-QQ-N-290
• 4-FINGER COLLET CONTACT: Be-Cu per UNS C17200 ASTM-B194-01
• CONTACT PLATING: 30μ [0.76μm] min. Au per MIL-G-45204 over 50μ
[1.27μm] min. Ni per SAE-AMS-QQ-N-290
• CONTACT CURRENT RATING: 8 amps
• OPERATING TEMPERATURE: -67°F to 221°F [-55° to 105°C]
• INSERTION FORCE: 240 grams/pin
• WITHDRAWAL FORCE: 130 grams/pin
• NORMAL FORCE: 210 grams/pin, based on a 0.040 [1.02] dia. test lead
• ACCEPTS LEADS: 0.032-0.047 [0.81-1.19] in dia., 0.130-0.180 [3.30- 4.56] long
SHORTING PLUG (SP200) SPECIFICATIONS
• BODY MATERIAL: Black UL 94V-0 Glass-filled 4/6 Nylon
• PIN: Brass 260 1/4- or 1/2-hard
• PIN PLATING:10μ [0.25μm] Au per MIL-G-45204 over 50μ [1.27μm] Ni
per SAE-AMS-QQ-N-290
• CONTACT CURRENT RATING: 5 amps
• OPERATING TEMPERATURE: -67°F to 221°F [-55° to 105°C]
16009
1 of 1
Rev. AB
Series SP200 & SJ200 0.040 [1.02]
Shorting Plugs and Jacks
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS IN INCHES [MILLIMETERS]
ALL TOLERANCES ±0.005 [±0.13] UNLESS OTHERWISE SPECIFIED
ORDERING INFORMATION
JACKS – Specify P/N SJ200 (RoHS) or P/N SJ200-TL (Sn/Pb)
which are used with Aries MALE DIP STRIPS, Series M40, see
DATA SHEET 16007 for details.
PLUGS – Specify P/N SP200 which is used with Aries FEMALE DIP
STRIPS, Series F40, see DATA SHEET 16008 for details.


Similar Part No. - SJ2000

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
SJ200 ARIES-SJ200 Datasheet
203Kb / 1P
040 [1.02] Shorting Plugs and Jacks
More results

Similar Description - SJ2000

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
Programmers and Shorting Plugs
SP200 ARIES-SP200 Datasheet
203Kb / 1P
040 [1.02] Shorting Plugs and Jacks
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
Programmers and Shorting Plugs
16009 ARIES-16009 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com