Electronic Components Datasheet Search
  English  ▼

X  

IL205AT Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL205AT
Description  PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL205AT Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL205AT Datasheet HTML 1Page - Siemens Semiconductor Group IL205AT Datasheet HTML 2Page - Siemens Semiconductor Group IL205AT Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
4–1
Package Dimensions in Inches (mm)
Characteristics (TA=25°C)
Symbol Min. Typ.
Max. Unit
Condition
Emitter
Forward Voltage
VF
1.3
1.5
V
IF=10 mA
Reverse Current
IR
0.1
100
µAV
R=6.0 V
Capacitance
CO
25
pF
VR=0
Detector
Breakdown Voltage
Collector-Emitter
BVCEO 70
V
IC=100 µA
Emitter-Collector
BVECO 710
V
IE=100 µA
Collector-Emitter
VCE=10 V,
Dark Current
ICEOdark
550
nA
IF=0
Collector-Emitter
Capacitance
CCE
10
pF
VCE=0
Package
DC Current Transfer
CTRDC
%IF=10 mA,
VCE=5 V
IL205AT
40
80
IL206AT
63
125
IL207AT
100
200
IL208AT
160
320
DC Current Transfer
CTRDC
%IF=1 mA,
VCE=5 V
IL205AT
13
25
IL206AT
22
40
IL207AT
34
60
IL208AT
56
95
Collector-Emitter
IC=2.0 mA,
Saturation Voltage
VCE sat
0.4
IF=10 mA
Isolation Test Voltage
VIO
2500
VACRMS
Equivalent DC
Isolation Voltage
3535
VDC
Capacitance,
Input to Output
CIO
0.5
pF
Resistance,
Input to Output
RIO
100
G
Ω
Switching Time
tON, tOFF
3.0
µsI
C=2 mA,
RE=100 Ω,
VCE=10 V
Specifications subject to change.
TOLERANCE:
±.005 (unless otherwise noted)
FEATURES
• High Current Transfer Ratio, I
F=10mA,
VCE=5 V
IL205AT, 40 – 80%
IL206AT, 63 –125%
IL207AT, 100 – 200%
IL208AT, 160 – 320%
• High BV
CEO, 70 V
• Isolation Voltage, 2500 VAC
RMS
• Industry Standard SOIC-8 Surface
Mountable Package
• Standard Lead Spacing, .05"
• Available in Tape and Reel (suffix T)
(Conforms to EIA Standard RS481A)
• Compatible with Dual Wave, Vapor Phase
and IR Reflow Soldering
• Underwriters Lab File #E52744
(Code Letter P)
DESCRIPTION
The IL205AT/206AT/207AT/208AT are optically
coupled pairs with a Gallium Arsenide infrared LED
and a silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the
device while maintaining a high degree of electrical
isolation between input and output. The IL205/6/7/8
come in a standard SOIC-8 small outline package
for surface mounting which makes them ideally
suited for high density applications with limited
space. In addition to eliminating through-holes
requirements, this package conforms to standards
for surface mounted devices.
A specified minimum and maximum CTR allows a
narrow tolerance in the electrical design of the
adjacent circuits. The high BVCEO of 70 volts gives
a higher safety margin compared to the industry
standard 30 volts.
Maximum Ratings
Emitter
Peak Reverse Voltage ....................................... 6.0 V
Continuous Forward Current .......................... 60 mA
Power Dissipation at 25
°C ............................. 90 mW
Derate Linearly from 25
°C .......................1.2 mW/°C
Detector
Collector-Emitter Breakdown Voltage ................ 70 V
Emitter-Collector Breakdown Voltage .................. 7 V
Collector-Base Breakdown Voltage ................... 70 V
Power Dissipation ........................................ 150 mW
Derate Linearly from 25
°C .......................2.0 mW/°C
Package
Total Package Dissipation at 25
°C Ambient
(LED + Detector) ...................................... 240 mW
Derate Linearly from 25
°C .......................3.3 mW/°C
Storage Temperature ..................... –55
°C to +150°C
Operating Temperature ................. –55
°C to +100°C
Soldering Time at 260
°C ............................... 10 sec.
40
°
.240
(6.10)
.154
±.005
(3.91
±.13)
.050 (1.27)
typ.
.016 (.41)
.192
±.005
(4.88
±.13)
.004 (.10)
.008 (.20)
Lead
Coplanarity
±.0015 (.04)
max.
.015
±.002
(.38
±.05)
.008 (.20)
7
°
.058
±.005
(1.49
±.13)
.125
±.005
(3.18
±.13)
Pin One ID
.120
±.005
(3.05
±.13)
CL
.021 (.53)
5
° max.
R.010
(.25) max.
.020
±.004
(.15
±.10)
2 plcs.
1
2
3
4
Anode
Cathode
NC
NC
8
7
6
5
NC
Base
Collector
Emitter
IL205AT/206AT/207AT/
208AT
PHOTOTRANSISTOR
SMALL OUTLINE
SURFACE MOUNT OPTOCOUPLER
10.95


Similar Part No. - IL205AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL205AT VISHAY-IL205AT Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
IL205AT VISHAY-IL205AT_05 Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
More results

Similar Description - IL205AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL256A SIEMENS-IL256A Datasheet
71Kb / 3P
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD256 SIEMENS-ILD256 Datasheet
72Kb / 3P
DUAL AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com