Electronic Components Datasheet Search
  English  ▼

X  

IL207 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL207
Description  SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL207 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL207 Datasheet HTML 1Page - Siemens Semiconductor Group IL207 Datasheet HTML 2Page - Siemens Semiconductor Group IL207 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
IL205A/206A/207A/208A
Figure 1. Forward voltage versus forward current
Figure 2. Normalized non-saturated and saturated
CTRce versus LED current
Figure 3. Collector-emitter current versus LED current
Figure 4. Normalized collector-base photocurrent ver-
sus LED current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 85
°C
.1
1
10
100
0.0
0.5
1.0
1.5
Vce = 5 V
Vce = 0.4 V
IF - LED Current - mA
Normalized to:
Vce = 10 V
IF = 10 mA
Ta = 25
°C
.1
1
10
100
0
50
100
150
Vce = 0.4 V
Vce = 10 V
IF - LED Current - mA
Ta = 25
°C
.1110
100
.1
1
10
100
IF - LED Current - mA
Normalized to:
Vcb = 9.3 V
IF = 1 mA
Ta = 25
°C
Figure 5. Normalized collector-base photocurrent ver-
sus LED current
Figure 6. Collector-emitter photocurrent versus LED
current
Figure 7. Collector-emitter photocurrent versus LED
current
Figure 8. Base current versus If and HFE
.1
1
10
100
.01
.1
1
10
Normalized to:
Vcb = 9.3 V
IF = 10 mA
Ta = 25
°C
IF - LED Current - mA
.1110
100
.1
1
10
100
1000
IF - LED Curr ent - mA
Ta = 25
°C
Vcb = 9.3 V
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
25
°C
50
°C
70
°C
Ib - Base Current -
µA
Normalized to:
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
Vce = 0.4 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com