Electronic Components Datasheet Search
  English  ▼

X  

IL207AT Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL207AT
Description  PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL207AT Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL207AT Datasheet HTML 1Page - Siemens Semiconductor Group IL207AT Datasheet HTML 2Page - Siemens Semiconductor Group IL207AT Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
4–3
Figure 9. Typical switching characteristics
versus base resistance (saturated operation)
Figure 10. Typical switching times
versus load resistance
100
50
10
5
1.0
Input:
IF =10mA
Pulse width=100 mS
Duty cycle=50%
Base-emitter resistance, RBE (Ω)
T OFF
TON
10K
50K 100K
500K 1M
1000
500
100
50
10
5
1
0.1
0.5 1
5
10
50 100
Input:
IF=10 mA
Pulse width=100 mS
Duty cycle=50%
T OFF
TON
Load resistance RL (KΩ)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com