Electronic Components Datasheet Search
  English  ▼

X  

IL211 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL211
Description  PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL211 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL211 Datasheet HTML 1Page - Siemens Semiconductor Group IL211 Datasheet HTML 2Page - Siemens Semiconductor Group IL211 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
4–4
IL211AT/IL212AT/IL213AT
PHOTOTRANSISTOR
SMALL OUTLINE
SURFACE MOUNT OPTOCOUPLER
Package Dimensions in Inches (mm)
TOLERANCE:
±.005 (unless otherwise noted)
FEATURES
• High Current Transfer Ratio
IL211AT—20% Minimum
IL212AT—50% Minimum
IL213AT—100% Minimum
• Isolation Voltage, 2500 VAC
RMS
• Electrical Specifications Similar to
Standard 6 Pin Coupler
• Industry Standard SOIC-8 Surface
Mountable Package
• Standard Lead Spacing, .05"
• Available in Tape and Reel (suffix T)
(Conforms to EIA Standard RS481A)
• Compatible with Dual Wave, Vapor Phase
and IR Reflow Soldering
• Underwriters Lab File #E52744
(Code Letter P)
DESCRIPTION
The IL211AT/212AT/213AT are optically coupled
pairs with a Gallium Arsenide infrared LED and a
silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the device
while maintaining a high degree of electrical isolation
between input and output. The IL211AT//212AT/
213AT comes in a standard SOIC-8 small outline
package for surface mounting which makes it ideally
suited for high density applications with limited space.
In addition to eliminating through-holes requirements,
this package conforms to standards for surface
mounted devices.
A choice of 20, 50, and 100% minimum CTR at
IF=10 mA makes these optocouplers suitable for a
variety of different applications.
Maximum Ratings
Emitter
Peak Reverse Voltage ....................................... 6.0 V
Continuous Forward Current .......................... 60 mA
Power Dissipation at 25
°C ............................. 90 mW
Derate Linearly from 25
°C .......................1.2 mW/°C
Detector
Collector-Emitter Breakdown Voltage ................ 30 V
Emitter-Collector Breakdown Voltage .................. 7 V
Collector-Base Breakdown Voltage ................... 70 V
Power Dissipation ........................................ 150 mW
Derate Linearly from 25
°C .......................2.0 mW/°C
Package
Total Package Dissipation at 25
°C Ambient
(LED + Detector) ...................................... 280 mW
Derate Linearly from 25
°C .......................3.3 mW/°C
Storage Temperature ..................... –55
°C to +150°C
Operating Temperature ................. –55
°C to +100°C
Soldering Time at 260
°C ............................... 10 sec.
Characteristics (TA=25°C)
Symbol Min. Typ.
Max. Unit
Condition
Emitter
Forward Voltage
VF
1.3
1.5
V
IF=10 mA
Reverse Current
IR
0.1
100
µAV
R=6.0 V
Capacitance
CO
25
pF
VR=0
Detector
Breakdown Voltage
BVCEO
30
V
IC=10 µA
BVECO
7V
IE=10 µA
Collector-Emitter
VCE=10 V,
Dark Current
ICEOdark
550
nA
IF=0
Collector-Emitter
Capacitance
CCE
10
pF
VCE=0
Package
DC Current Transfer CTRDC
%IF=10 mA
VCE=5 V
IL211AT
20
50
IL212AT
50
80
IL213AT
100 130
Collector-Emitter
Saturation Voltage VCE sat
0.4
IF=10 mA,
IC=2.0 mA
Isolation Test
Voltage
VIO
2500
VACRMS
Capacitance,
Input to Output
CIO
0.5
pF
Resistance,
Input to Output
RIO
100
G
Ω
Switching Time
tON, tOFF
3.0
µsI
C=2 mA,
RE=100 Ω,
VCE=10 V
Specifications subject to change.
40
°
.240
(6.10)
.154
±.005
(3.91
±.13)
.050 (1.27)
typ.
.016 (.41)
.192
±.005
(4.88
±.13)
.004 (.10)
.008 (.20)
Lead
Coplanarity
±.0015 (.04)
max.
.015
±.002
(.38
±.05)
.008 (.20)
7
°
.058
±.005
(1.49
±.13)
.125
±.005
(3.18
±.13)
Pin One ID
.120
±.005
(3.05
±.13)
CL
.021 (.53)
5
° max.
R.010
(.25) max.
.020
±.004
(.15
±.10)
2 plcs.
1
2
3
4
Anode
Cathode
NC
NC
8
7
6
5
NC
Base
Collector
Emitter
10.95


Similar Part No. - IL211

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL211 INTEGRAL-IL211 Datasheet
291Kb / 2P
Highly Flexible Voltage Comparators
logo
List of Unclassifed Man...
IL211 ETC1-IL211 Datasheet
47Kb / 3P
SMALL OUTLINE OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
logo
Siemens Semiconductor G...
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL211AT VISHAY-IL211AT Datasheet
132Kb / 6P
Optocoupler, Phototransistor Output, With Base Connection in
26-Oct-04
IL211AT VISHAY-IL211AT Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results

Similar Description - IL211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL256A SIEMENS-IL256A Datasheet
71Kb / 3P
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD256 SIEMENS-ILD256 Datasheet
72Kb / 3P
DUAL AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com