Electronic Components Datasheet Search
  English  ▼

X  

IL252 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL252
Description  BIDIRECTIONAL INPUT OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL252 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL252 Datasheet HTML 1Page - Siemens Semiconductor Group IL252 Datasheet HTML 2Page - Siemens Semiconductor Group IL252 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL250/251/252
Figure 11. Normalized non-saturated HFE versus
base current and temperature
Figure 12. Normalized saturated HFE versus base
current and temperature
Figure 13. . Propagation delay versus collector load
resistor
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Curren t -
µA
Ib = 20
µA
Vce = 10 V
Ta = 25
°C
-20
°C
25
°C
50
°C
70
°C
Normalized to:
1
10
100
1000
0.0
0.5
1.0
1.5
I b - Base Current -
µA
-20
°C
25
°C
50
°C
70
°C
Normalized to:
Vce = 10V
Ib = 20
µA
Ta = 25
°C
Vce = 0.4V
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
Ω
tpLH
tpHL
Ta = 25
°C, IF = 10mA
Vcc = 5 V, Vth = 1.5 V
Figure 7. Collector-emitter leakage current versus
temperature
Figure 8. Normalized CTRcb versus LED current and
temperature
Figure 9. Collector base photocurrent versus LED
current
Figure 10. Normalized photocurrent versus lf and
temperature
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
gp
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
.1
1
10
100
0.0
0.5
1.0
1.5
25
°C
50
°C
70
°C
IF - LED Current - mA
Normalized to:
IF =10 mA
Vcb = 9.3 V
Ta = 25
°C
100
10
1
.1
.01
.1
1
10
100
1000
IF - LED Current - mA
Icb = 1.0357 *IF ^1.3631
Ta = 25
°C
10
100
10
1
.1
.01
.1
1
NIB-Ta=-20
°C
NIb,Ta=25
°C
NIb,Ta=50
°C
NIb,Ta=70
°C
If - LED Current - mA
Normalized to:
If = 10ma, Ta = 25
°C
Figure 14. Switching timing and schematic
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VO
VCC=5 V
RL
IF=10 mA
F=10 KHz,
DF=50%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com