Electronic Components Datasheet Search
  English  ▼

X  

DTC114EE Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # DTC114EE
Description  Digital Transistors (Built-in Resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

DTC114EE Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  DTC114EE Datasheet HTML 1Page - WILLAS ELECTRONIC CORP DTC114EE Datasheet HTML 2Page - WILLAS ELECTRONIC CORP DTC114EE Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.1
1
10
100
0.1
1
10
100
110
100
0.01
0.1
1
04
8
12
16
20
0
2
4
6
8
10
0.1
1
10
100
1
10
100
1000
0.00.4
0.81.2
1.62.0
0.01
0.1
1
10
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
30
3
0.03
0.3
300
30
3
30
3
0.3
3
0.03
0.3
30
3
30
0.3
3
0.3
OFF Characteristics
ON Characteristics
T
a
=25℃
100℃
V
O
=0.3V
OUTPUT CURRENT
I
O
(mA)
V
O(ON)
——
I
O
T
a
=100℃
25℃
I
O
/I
I
=20
OUTPUT CURRENT
I
O
(mA)
f=1MHz
T
a
=25℃
C
O
——
V
R
REVERSE BIAS VOLTAGE
V
R
(V)
G
I
——
I
O
T
a
=100℃
25℃
V
O
=5V
OUTPUT CURRENT
I
O
(mA)
T
a
=100℃
25℃
V
CC
=5V
INPUT VOLTAGE
V
I(OFF)
(V)
DTC114EXX
Typical Characteristics
P
D
——
T
a
DTC114ESA
DTC114EUA/KA/CA
DTC114EE
DTC114EM
AMBIENT TEMPERATURE
T
a
(
)
℃
201
2-05
WILLAS ELECTRONIC CORP.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com