Electronic Components Datasheet Search
  English  ▼

X  

MAX14820 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14820
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14820 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14820 Datasheet HTML 7Page - Maxim Integrated Products MAX14820 Datasheet HTML 8Page - Maxim Integrated Products MAX14820 Datasheet HTML 9Page - Maxim Integrated Products MAX14820 Datasheet HTML 10Page - Maxim Integrated Products MAX14820 Datasheet HTML 11Page - Maxim Integrated Products MAX14820 Datasheet HTML 12Page - Maxim Integrated Products MAX14820 Datasheet HTML 13Page - Maxim Integrated Products MAX14820 Datasheet HTML 14Page - Maxim Integrated Products MAX14820 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX14820
IO-Link Device Transceiver
Typical Operating Characteristics
(VCC = 24V, LDOIN = VP, VL = LDO33, C/Q and DO in push-pull configuration, TA = +25NC, unless otherwise noted.)
C/Q DRIVER-OUTPUT HIGH
vs. LOAD CURRENT
LOAD CURRENT (mA)
350
300
250
200
150
100
50
19
20
21
22
23
24
25
18
0
400
TA = +25°C
TA = +85°C
TA = -40°C
TXEN = VL
TXC = TXQ = GND
C/Q DRIVER-OUTPUT LOW
vs. SINK CURRENT
SINK CURRENT (mA)
350
300
250
200
150
100
50
1
2
3
4
5
6
7
0
0
400
TA = +25°C
TA = +85°C
TA = -40°C
TXEN = VL
TXC = TXQ = VL
DO DRIVER-OUTPUT HIGH
vs. LOAD CURRENT
LOAD CURRENT (mA)
200
150
100
50
20
21
22
23
24
25
19
0
250
TA = +25°C
TA = +85°C
TA = -40°C
DO DRIVER IS ENABLED
LO = GND
DO DRIVER-OUTPUT LOW
vs. SINK CURRENT
SINK CURRENT (mA)
200
150
100
50
1
2
3
4
5
6
7
0
0
250
TA = +25°C
TA = +85°C
TA = -40°C
DO DRIVER IS ENABLED
LO = VL
C/Q DRIVER PROPAGATION DELAY
vs. TEMPERATURE (HiSlew = 0)
TEMPERATURE (°C)
75
60
30 45
-15
0
15
-30
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.10
-45
90
TXEN = VL
TXC = TXQ
C/Q DRIVER PROPAGATION DELAY
vs. TEMPERATURE (HiSlew = 1)
TEMPERATURE (°C)
75
60
-30 -15
0
30
15
45
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
0.38
-45
90
TXEN = VL
TXC = TXQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com