Electronic Components Datasheet Search
  English  ▼

X  

IL4108 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL4108
Description  ZERO VOLTAGE CROSSING 800 V TRIAC DRIVER OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL4108 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL4108 Datasheet HTML 1Page - Siemens Semiconductor Group IL4108 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–142
IL4108
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.16
1.35
V
IF=10 mA
Breakdown Voltage
VBR
630
V
IR=10 µA
Reverse Current
IR
0.1
10
µAV
R=6 V
Capacitance
C0
25
pF
VF=0 V, f=1 MHz
Thermal Resistance, Junction to Lead
RTHJL
750
°C/W
Output Detector
Repetitive Peak Off-state Voltage
VDRM
800
V
IDRM=100 µA
Off-state Voltage
VD(RMS)
565
V
ID(RMS)=70 µA
Off-state Current
ID(RMS)1
10
100
µAV
D=800 V, TA100°C, IF=0
mA
Off-state Current
ID(RMS)2
200
µAV
D=800 V, IF=Rated IFT
On-state Voltage
VTM
1.7
3
V
IT=300 mA
On-state Current
ITM
300
mA
PF=1.0, VT(RMS)=1.7 V
Surge (Non-repetitive On-state Current)
ITSM
3
A
f=50 Hz
Trigger Current 1
IFT1
2.0
mA
VD=5 V
Trigger Current 2
IFT2
6.0
mA
Vop=220 V, f=50 Hz,
Tj=100°C, tpF>10 ms
Trigger Current Termperature Gradient
∆I
FT1/∆Tj
∆I
FT2/∆Tj
7
7
14
14
µA/K
µA/K
Inhibit Voltage Temperature Gradient
∆V
DINH/
∆T
j
–20
mV/K
Off-state Current in Inhibit State
IDINH
50
200
µAI
F=IFT1, VDRM
Capacitance between Input and Output Circuit
CIO
2.0
pF
VD=0, f=1 kHz
Holding Current
IH
65
500
µA
Latching Current
IL
5mA
VT=2.2 V
Zero Cross Inhibit Voltage
VIH
15
25
V
IF=Rated IFT
Turn-on Time
tON
35
µsV
RM=VDM=565 VAC
Turn-off Time
tOFF
50
µs
PF=1.0, IT=300 mA
Critical Rate of Rise of Off-State Voltage
dv/dtcr
dv/dtcr
10000
5000
V/
µs
V/
µs
VD=0.67 VDRM, Tj=25°C
Tj=80°C
Critical Rate of Rise of Voltage at
Current Commutation
dv/dtcrq
dv/dtcrq
10000
5000
V/
µs
V/
µs
VD=0.67 VDRM,
di/dtcrq<15 A/ms
Tj=25°C
Tj=80°C
Critical Rate of Rise of On-state Current
di/dt/cr
8A/
µs
Thermal Resistance, Junction to Lead
RTHJL
150
°C/W
Package
Critical Rate of Rise of Coupled Input/Output
Voltage
dv(IO)/dt
1000
0
V/
µsI
T=0 A,
VRM=VDM=565 VAC
Common Mode Coupling Capacitor
CCM
0.01
pF
Package Capacitance
CIO
0.8
pF
f=1 MHz, VIO=0 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com