Electronic Components Datasheet Search
  English  ▼

X  

IL66 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL66
Description  PHOTODARLINGTON OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL66 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL66 Datasheet HTML 1Page - Siemens Semiconductor Group IL66 Datasheet HTML 2Page - Siemens Semiconductor Group IL66 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Internal RBE for High Stability
• Current Transfer Ratio is Tested
at 2.0 mA and 0.7 mA Input
IL/ILD/ILQ66 Series:
- 1, 100% min. at IF=2 mA, VCE=10 V
- 2, 300% min. at IF=2 mA, VCE=10 V
- 3, 400% min. at IF=0.7 mA, VCE=10 V
- 4, 500% min. at IF=2 mA, VCE=5 V
•
Four Available CTR Categories per Package
Type
•
BVCEO>60 V
• Standard DIP Packages
• Underwriters Lab File #E52744
•
VDE 0884 Available with Option 1
DESCRIPTION
IL66, ILD66, and ILQ66 are optically coupled isola-
tors employing Gallium Arsenide infrared emitters
and silicon photodarlington detectors. Switching
can be accomplished while maintaining a high
degree of isolation between driving and load cir-
cuits, with no crosstalk between channels.
Maximum Ratings
Emitter (Each Channel)
Peak Reverse Voltage........................................ 6 V
Continuous Forward Current......................... 60 mA
Power Dissipation at 25
°C ......................... 100 mW
Derate Linearly from 25
°C ................... 1.33 mW/°C
Detector (Each Channel)
Power Dissipation at 25
°C Ambient........... 150 mW
Derate Linearly from 25
°C ..................... 2.0 mW/°C
Package
Isolation Test Voltage
(t=1 sec.)........................................5300 VACRMS
Total Package Power Dissipation at 25
°C
IL66.......................................................... 250 mW
ILD66 ....................................................... 400 mW
ILQ66 ....................................................... 500 mW
Derate Linearly from 25
°C
IL66...................................................... 3.3 mW/
°C
ILD66 ................................................. 5.33 mW/
°C
ILQ66 ................................................. 6.67 mW/
°C
Creepage.................................................7 min mm
Clearance ................................................7 min mm
Comparative Tracking Index..............................175
Isolation Resistance
VIO=500 V, TA=25°C................................≥10
12
Ω
VIO=500 V, TA=100°C..............................≥10
11
Ω
Storage Temperature ................... –55
°C to +125°C
Operating Temperature................ –55
°C to +100°C
Lead Soldering Time at 260
°C ....................10 sec.
V
DE
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
Typ.
.031 (0.80)
.035 (0.90)
.039
(1.00)
min.
.018 (0.45)
.022 (0.55)
.335 (8.50)
.343 (8.70)
6
5
4
1
2
3
18
°
Typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
.255 (6.48)
.268 (6.81)
3
4
6
5
.379 (9.63)
.390 (9.91)
.030 (.76)
.045 (1.14)
4
°
Typ.
.100 (2.54) Typ.
.100 (2.54) Typ.
10
°
Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.018 (.46)
.022 (.56)
.008 (.20)
.012 (.30)
.115 (2.92)
.135 (3.43)
1
2
8
7
.130 (3.30)
.150 (3.81)
.030 (.76 )
.040 (1.02)
1
2
3
6
5
4
Anode
Cathode
NC
Base
Collector
Emitter
Anode
Cathode
Cathode
Anode
Emitter
Collector
Collector
Emitter
1
2
3
4
8
7
6
5
Anode
Cathode
Cathode
Anode
Emitter
Collector
Collector
Emitter
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
.248 (6.30)
.256 (6.50)
.255 (6.48)
.268 (6.81)
.779 (19.77 )
.790 (20.07)
Pin
One
I.D.
.130 (3.30)
.150 (3.81)
.030 (.76 )
.040 (1.02)
.030 (.76)
.045 (1.14)
4
°
Typ.
.100 (2.54) Typ.
.018 (.46)
.022 (.56)
10
°
Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.008 (.20)
.012 (.30)
.115 (2.92)
.135 (3.43)
Pin One I.D.
Pin One I.D.
SINGLE CHANNEL
IL66 SERIES
DUAL CHANNEL
ILD66 SERIES
QUAD CHANNEL
ILQ 66 SERIES
PHOTODARLINGTON OPTOCOUPLER


Similar Part No. - IL66

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL66 VISHAY-IL66 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-1 VISHAY-IL66-1 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-2 VISHAY-IL66-2 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-3 VISHAY-IL66-3 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-4 VISHAY-IL66-4 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
More results

Similar Description - IL66

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com