Electronic Components Datasheet Search
  English  ▼

X  

2SC3320 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3320
Description  HIGH VOLTAGE HIGH SPEED SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3320 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3320 Datasheet HTML 1Page - Unisonic Technologies 2SC3320 Datasheet HTML 2Page - Unisonic Technologies 2SC3320 Datasheet HTML 3Page - Unisonic Technologies 2SC3320 Datasheet HTML 4Page - Unisonic Technologies 2SC3320 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3320
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R214-008,D
ABSOLUTE MAXIMUM RATINGS (TC = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
500
V
Collector Emitter Voltage
VCEO
400
V
VCEO(SUS)
400
V
Emitter Base Voltage
VEBO
7
V
Collector Current
IC
15
A
Base Current
IB
5
A
Power Dissipation
PD
80
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
1.55
℃
/W
ELECTRICAL SPECIFICATIONS (TC =25℃, Unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
ICBO=1mA
500
V
Collector Emitter Voltage
VCEO
ICEO=10mA
400
V
VCEO(SUS) IC=0.2A
400
V
Emitter Base Voltage
VEBO
IEBO=1mA
7
V
Collector Emitter Saturation Voltage
VCE (SAT)
IC=6A, IB=1.2A
1
V
Base Emitter Saturation Voltage
VBE (SAT)
1.5
V
Collector Cut-off Current
ICBO
VCBO=500V
1
mA
Emitter Cut-off Current
IEBO
VEBO=7V
1
mA
DC Current Gain
hFE
IC=6A, VCE=5V
10
45
Switching Time
tON
IC=7.5A, IB1 =1.5A, IB2=-3A
RL=20Ω, Pw=20μs, Duty ≤ 2%
0.5
μs
tSTG
1.5
μs
tF
0.15
μs
CLASSIFICATION OF hFE
RANK
A
B
C
D
E
F
RANGE
10~15
15~20
20~25
25~30
30~35
35~45



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com