Electronic Components Datasheet Search
  English  ▼

X  

2SC4548 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC4548
Description  HIGH VOLTAGE DRIVER APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4548 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC4548_12 Datasheet HTML 1Page - Unisonic Technologies 2SC4548_12 Datasheet HTML 2Page - Unisonic Technologies 2SC4548_12 Datasheet HTML 3Page - Unisonic Technologies 2SC4548_12 Datasheet HTML 4Page - Unisonic Technologies 2SC4548_12 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4548
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R208-027,C
TYPICAL CHARACTERISTICS
DC Current Gain
1
2
100
70
50
30
20
10
8
4
10
30
50
100 200
Collector Current,IC (mA)
VCE=10V
25
TA=-30
6
3
400
45 7
20
200
70
0.8
120
0
0
40
80
100
Collector cut-off Region
Base-Emitter Voltage, VBE (V)
20
0.2
60
1.2
VCE=10V
0.4
0.6
1.0
Base-Emitter Voltage
1
2
1.4
1.2
1
0.8
0.6
0.4
710
20
70
100
25
70
Collector-Emitter Saturation Region
Collector Current, IC (mA)
IC/IB=10
TA=-30
5200
Collector Current,IC (mA)
3
30
50
300
1
2
0.3
0.12
0.04
710
20
70
100
25
-30
IC/IB=10
TA=70
5200
3
30
50
300
0.08
0.16
0.2
2
5
100
10
7
2
1
0.5
0.2
10
20
50
300
0.3
0.1
ts
IB=5mA
TA=25°C
tF
5
3
0.7
37
30
70
Collector Current, IC (mA)
5
200
1000
50
20
100
Collector-Emitter Voltage, VCE (V)
10
5
1
0.5
10
50
500
dc
10
μs
Single Pule
TA=25
300
30
100
200
500
10 ms
1.0 ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com