Electronic Components Datasheet Search
  English  ▼

X  

2SD1624 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1624
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1624 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1624 Datasheet HTML 1Page - Unisonic Technologies 2SD1624 Datasheet HTML 2Page - Unisonic Technologies 2SD1624 Datasheet HTML 3Page - Unisonic Technologies 2SD1624 Datasheet HTML 4Page - Unisonic Technologies 2SD1624 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1624
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R208-005.D
HIGH CURRENT SWITCHING
APPLICATION
DESCRIPTION
The UTC 2SD1624 applies to voltage regulators, relay drivers,
lamp drivers, and electrical equipment.
FEATURES
* Adoption of FBET, MBIT processes
* Low collector-to-emitter saturation voltage
* Fast switching speed.
* Large current capacity and wide ASO.
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2SD1624L-x-AB3-R
2SD1624G-x-AB3-R
SOT-89
B
C
E
Tape Reel
MARKING
XX
DG
Date Code
L: Lead Free
G: Halogen Free


Similar Part No. - 2SD1624

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1624 SANYO-2SD1624 Datasheet
122Kb / 4P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1624 UTC-2SD1624 Datasheet
139Kb / 4P
HIGH CURRENT SWITCHIG APPLICATION
logo
Guangdong Kexin Industr...
2SD1624 KEXIN-2SD1624 Datasheet
57Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SD1624 UTC-2SD1624 Datasheet
243Kb / 5P
HIGH CURRENT SWITCHIG APPLICATION
logo
ON Semiconductor
2SD1624 ONSEMI-2SD1624 Datasheet
355Kb / 7P
Bipolar Transistor -50V, -3A, Low VCEsat, PNP,NPN Single PCP
September, 2013
More results

Similar Description - 2SD1624

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803_10 Datasheet
181Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com