Electronic Components Datasheet Search
  English  ▼

X  

2SD882S Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD882S
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD882S Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD882S Datasheet HTML 1Page - Unisonic Technologies 2SD882S Datasheet HTML 2Page - Unisonic Technologies 2SD882S Datasheet HTML 3Page - Unisonic Technologies 2SD882S Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD882S
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R208-007,F
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter Voltage (V)
0
4
8
121620
0
0.4
0.8
1.2
1.6
Case Temperature, TC (°C)
Derating Curve of Safe Operating Areas
200
150
100
50
0
-50
0
50
100
150
S/b
lim
ited
IB=9mA
IB=8mA
IB=7mA
IB=6mA
IB=5mA
IB=4mA
IB=3mA
IB=2mA
IB=1mA
Current Gain-Bandwidth Product
Collector-Emitter Voltage
Safe Operating Area
IC(max), Pulse
10mS
1mS
Collector Current, Ic (A)
103
102
101
100
10-2
10-1
100
101
101
100
10-1
10-2
100
101
102
IC(max), DC
VCE=5V
IB=8mA
DC Current Gain
Collector Current, IC (mA)
Collector Current, IC (mA)
Saturation Voltage
103
102
101
100
100
101
103
104
VCE=2V
104
103
102
100
101
102
104
10
1
100
103
VBE(SAT)
VCE(SAT)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com