Electronic Components Datasheet Search
  English  ▼

X  

2SD1898 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1898
Description  POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1898 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1898 Datasheet HTML 1Page - Unisonic Technologies 2SD1898 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SD1898
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R208-030.C
ABSOLUTE MAXIMUM RATINGS ( TA=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current(DC)
IC
1
A
Collector Current(PULSE) (Note 2)
ICP
2
A
Collector Power Dissipation (Note 3)
Pc
0.5
W
Collector Power Dissipation (Note 3)
Pc
2
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Duty=/1/2,Pw=200ms
3. When mounted on a 40*40*0.7 mm ceramic board.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
IC= 50μA
100
V
Collector Emitter Breakdown Voltage
BVCEO
IC= 1mA
80
V
Emitter Base Breakdown Voltage
BVEBO
IE=50μA
5
V
Collector Cut-Off Current
ICBO
VCB=80V, IE=0A
1
μA
Emitter Cut-Off Current
IEBO
VEB=4V , IC=0A
1
μA
DC Current Transfer Ratio
hFE
VCE=3V, IC= 0.5A
82
390
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=500mA, IB= 20mA
0.15
0.4
V
Transition Frequency
fT
VCE=10V, IE= -50mA, f=100MHz
100
MHz
Output Capacitance
COB
VCB= 10V, IE= 0A, f=1MHz
20
pF
CLASSIFICATION OF hFE
RANK
P
Q
R
RANGE
82-180
120-270
180-390
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com