Electronic Components Datasheet Search
  English  ▼

X  

3N40 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N40
Description  3A, 400V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N40 Datasheet(HTML) 1 Page - Unisonic Technologies

  3N40 Datasheet HTML 1Page - Unisonic Technologies 3N40 Datasheet HTML 2Page - Unisonic Technologies 3N40 Datasheet HTML 3Page - Unisonic Technologies 3N40 Datasheet HTML 4Page - Unisonic Technologies 3N40 Datasheet HTML 5Page - Unisonic Technologies 3N40 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-553.c
3A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N40 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology specializes in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 3N40 is universally applied in electronic lamp ballast
based on half bridge topology and high efficient switched mode
power supply.
FEATURES
* RDS(ON)=2.0Ω @ VGS=10V
* High switching speed
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
1
TO-220F
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
3N40L-TF3-T
3N40G-TF3-T
TO-220F
G
D
S
Tube
3N40L-TN3-R
3N40G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 3N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3N40 ISC-3N40 Datasheet
67Kb / 2P
Fast Switching
3N40-220 ISC-3N40-220 Datasheet
167Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
3N40G-TF3-T UTC-3N40G-TF3-T Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
3N40G-TN3-R UTC-3N40G-TN3-R Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
3N40G-TND-R UTC-3N40G-TND-R Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - 3N40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
4N40 UTC-4N40 Datasheet
153Kb / 3P
4A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com