Electronic Components Datasheet Search
  English  ▼

X  

ILH100 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # ILH100
Description  HERMETIC PHOTOTRANSISTOR OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILH100 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  ILH100 Datasheet HTML 1Page - Siemens Semiconductor Group ILH100 Datasheet HTML 2Page - Siemens Semiconductor Group ILH100 Datasheet HTML 3Page - Siemens Semiconductor Group ILH100 Datasheet HTML 4Page - Siemens Semiconductor Group ILH100 Datasheet HTML 5Page - Siemens Semiconductor Group ILH100 Datasheet HTML 6Page - Siemens Semiconductor Group ILH100 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5–2
ILH100
Characteristics (TΑ=25°C, unless otherwise specified)
Typical Switching Speeds (TA=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.45
1.7
V
IF=60 mA
Reverse Breakdown Voltage
VBR
6V
IR=10 µA
Reverse Current
IR
0.01
10
µAV
R=6 V
Capacitance
CJ
20
pF
VF=0 V, f=1 MHz
Thermal Resistance
RTH
220
°C/W
Junction to Lead
Detector
Collector-Emitter Saturation Voltage
VCE(sat)
0.25
0.4
V
IB=20µA, ICE=1 mA
Base-Emitter Voltage
VBE
0.65
V
IB=20µA
Collector-Emitter Leakage Current
ICEO
550
nA
VCE=10 V
DC Forward Current Gain
HFE
250
400
750
VCE=10 V, IB=20µA
Saturated DC Forward Gain
HFE(sat)
125
200
325
VCE=0.4 V, IB=20µA
Capacitance
CCE
CCB
CEB
6.8
8.5
11
pF
pF
pF
VCE=5 V, f=1 MHz
Thermal Resistance
RTH
220
°C/W
Junction to Lead
Coupled Characteristics (-55
°C to 100° C)
Saturated Current Transfer Ratio
CTR(sat)
70
210
250
%
IF=10 mA VCE=0.4 V
Current Transfer Ratio, Collector-Emitter
CTEce
100
300
450
%
IF=10 mA, VCE=10 V
Current Transfer Ratio, Collector-Base
CTRcb
0.4
0.7
0.9
%
IF=10 mA, VCB=9.3 V
Isolation and Insulation
Common Mode Rejection Output High
CMH
1000
2000
V/
µsV
CM=500 Vp-p, VCC=5 V, RL=1 KΩ,
IF=0 mA
Common Mode Rejection Output High
CML
1000
2000
V/
µsV
CM=500 Vp-p, VCC=5 V, RL=1 KΩ,
IF=10 mA
Package Capacitance
CIO
1.5
pF
VIO=0 V, 1 MHz
Insulation Resistance
RIO
1011
1014
Ω
VIO=500 VDC
Leakage Current, Input-Output
IIO
10
µA
Relative Humidity
≤50%,
VIO 3000 VDC, 5 sec.
Non-Saturated Switching
Symbol
Typ.
Max.
Unit
Test Condition
Delay
td
0.8
2
µs
Rise
tr
2
5
µsV
CC=5 V
Storage
ts
0.4
1.5
µsR
L=75 Ω
Fall
tf
2
5
µsI
F=10 mA
Propagation-High to Low
tpHL
1
3
µs
50% of VPP
Propagation-Low to High
tpLH
1.5
4
µsR
BE=open
Saturated Switching(1)
Delay
td
0.7
2
µsV
CE=0.4 V
Rise
tr
1
3
µsV
CE=0.4 V
Storage
ts
13.5
30
µsR
L=1 KΩ
Fall
tf
12
30
µsI
F=10 mA
Propagation-High to Low
tpHL
1.4
5
µsV
CC=5 V,
VTH=1.5 V
Propagation-Low to High
tpLH
15
40
µsR
BE=open



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com