Electronic Components Datasheet Search
  English  ▼

X  

5N40 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N40
Description  5A, 400V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N40 Datasheet(HTML) 3 Page - Unisonic Technologies

  5N40 Datasheet HTML 1Page - Unisonic Technologies 5N40 Datasheet HTML 2Page - Unisonic Technologies 5N40 Datasheet HTML 3Page - Unisonic Technologies 5N40 Datasheet HTML 4Page - Unisonic Technologies 5N40 Datasheet HTML 5Page - Unisonic Technologies 5N40 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-571.b
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Breakdown Voltage Temperature
Coefficient
B
△
VDSS/T
△ J Reference to 25°C, ID=250µA
0.4
V/°C
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.5A
0.96 1.2
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
480 625
pF
Output Capacitance
COSS
80
105
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
15
20
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
18
24
nC
Gate to Source Charge
QGS
2.2
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=320V, ID=5A
(Note 1, 2)
9.7
nC
Turn-ON Delay Time
tD(ON)
12
35
ns
Rise Time
tR
46
100
ns
Turn-OFF Delay Time
tD(OFF)
50
110
ns
Fall-Time
tF
VDD=200V, ID=5A, RG=25Ω
(Note 1, 2)
48
105
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
5
A
Maximum Body-Diode Pulsed Current
ISM
20
A
Drain-Source Diode Forward Voltage
VSD
IS=5A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
263
ns
Body Diode Reverse Recovery Charge
QRR
IS=5A, VGS=0V, dIF/dt=100A/µs
(Note 1)
1.9
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com