Electronic Components Datasheet Search
  English  ▼

X  

F1836 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # F1836
Description  LOW-SATURATION, TWO-CHANNEL BIDIRECTIONAL MOTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1836 Datasheet(HTML) 4 Page - Unisonic Technologies

  F1836 Datasheet HTML 1Page - Unisonic Technologies F1836 Datasheet HTML 2Page - Unisonic Technologies F1836 Datasheet HTML 3Page - Unisonic Technologies F1836 Datasheet HTML 4Page - Unisonic Technologies F1836 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
F1836
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R109-029.a
ABSOLUTE MAXIMUM RATING (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3~+10.5
V
VS
-0.3~+10.5
V
Output Voltage
VOUT
VS+VSF
V
Input Voltage
VIN
-0.3~+10
V
Ground Pin Flow-Out current Per channel
IGND
1.0
A
Power Dissipation
With board (Note 2)
PD
800
mW
Operating Temperature
TOPR
-20~+75
°C
Storage Temperature
TSTG
-40~+125
°C
Notes:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on 30×30×1.5 mm
3 glass epoxy PCB
ALLOWABLE OPERATING RANGES (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5~9.0
V
VS
1.8~9.0
V
Input High-Level Voltage
VIH
1.8~9.0
V
Input Low-Level Voltage
VIL
-0.3~+0.7
V
ELECTRICAL CHARACTERISTICS (T
A=25°C, VCC=VS=3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
ICC0
VIN1, 2, 3, 4=0V, ICC+IS
0.1
10
µA
ICC1
VIN1=3V, VIN2, 3, 4=0V, ICC+IS
14
20
mA
ICC2
VIN1, 2=3V, VIN3, 4=0V, ICC+IS
22
35
mA
Output Saturation Voltage
VOUT1
IOUT=200mA
0.2
0.28
V
VOUT2
IOUT=400mA
0.4
0.6
V
VOUT3
IOUT=400mA, parallel connection
0.25
0.35
V
VOUT4
IOUT=800mA, parallel connection
0.5
0.7
V
Output Sustaining Voltage
VO(SUS)
IOUT=400mA
9
V
Input Current
IIN
VIN =2V, VCC=6V
80
µA
Spark Killer Diode Reverse Current
IS(LEAK)
VCC1, 2=9V
30
µA
Spark Killer Diode Forward Voltage
VSF
IOUT=400mA
1.7
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com