Electronic Components Datasheet Search
  English  ▼

X  

L4863 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L4863
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4863 Datasheet(HTML) 1 Page - Unisonic Technologies

  L4863 Datasheet HTML 1Page - Unisonic Technologies L4863 Datasheet HTML 2Page - Unisonic Technologies L4863 Datasheet HTML 3Page - Unisonic Technologies L4863 Datasheet HTML 4Page - Unisonic Technologies L4863 Datasheet HTML 5Page - Unisonic Technologies L4863 Datasheet HTML 6Page - Unisonic Technologies L4863 Datasheet HTML 7Page - Unisonic Technologies L4863 Datasheet HTML 8Page - Unisonic Technologies L4863 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L4863
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-050,A
DUAL 2.2W AUDIO AMPLIFIER
PLUS STEREO HEADPHONE
FUNCTION
DESCRIPTION
The UTC L4863 is a dual bridge-connected audio power
amplifier. It combines dual bridge speaker amplifiers and stereo
headphone amplifiers on one chip to simplify audio system design.
In addition, the headphone input pin allows the amplifiers to
operate in single-ended mode when driving stereo headphones.
The IC could deliver different power by packages as below (when
connected to a 5V supply with less than 1.0% THD+N.):
-
HTSSOP-20, 4Ω load: 2.2W
-
HTSSOP-20, 3Ω load: 2.5W(with forced-air cooled)
-
SOP/DIP
, 8Ω load: 1.1W.
The UTC L4863 features an externally controlled, low-power
consumption shutdown mode, a stereo headphone amplifier mode,
and thermal shutdown protection. It also utilizes circuitry to reduce
“clicks and pops” during device turn-on.
FEATURES
* “Click and pop” suppression
* Thermal shutdown protection
* Unity-gain stable
* Stereo headphone amplifier mode
DIP-16
SOP-16
HTSSOP-20
SOP-18
*Pb-free plating product number: L4863L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
L4863-D16-T
L4863L-D16-T
DIP-16
Tube
L4863-S16-R
L4863L-S16-R
SOP-16
Tape Reel
L4863-S16-T
L4863L-S16-T
SOP-16
Tube
L4863-S18-R
L4863L-S18-R
SOP-18
Tape Reel
L4863-S18-T
L4863L-S18-T
SOP-18
Tube
L4863-N20-R
L4863L-N20-R
HTSSOP-20
Tape Reel
L4863-N20-T
L4863L-N20-T
HTSSOP-20
Tube
L4863L-D16-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D16: DIP-16, S16: SOP-16, S18: SOP-18,
N 20: HTSSOP-20
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - L4863

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-N20-R UTC-L4863-N20-R Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-N20-R UTC-L4863-N20-R Datasheet
219Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - L4863

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863 Datasheet
417Kb / 11P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4863LQ TI1-LM4863LQ Datasheet
1Mb / 28P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
LM4863 UTC-LM4863_16 Datasheet
413Kb / 12P
DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com