Electronic Components Datasheet Search
  English  ▼

X  

L5030 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5030
Description  BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5030 Datasheet(HTML) 1 Page - Unisonic Technologies

  L5030 Datasheet HTML 1Page - Unisonic Technologies L5030 Datasheet HTML 2Page - Unisonic Technologies L5030 Datasheet HTML 3Page - Unisonic Technologies L5030 Datasheet HTML 4Page - Unisonic Technologies L5030 Datasheet HTML 5Page - Unisonic Technologies L5030 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L5030
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R125-001.D
BOOST-UP VOLTAGE
CONVERTER FOR LED
DRIVER
DESCRIPTION
The L5030 is a high efficiency boost converter operating in
current loop, based on a PFM mode to drive LEDs. The
current mode regulation allows the uniform brightness of
LEDs. The wide application of L5030 makes it suitable for
many types of battery applications such as Li-ions, Alkaline,
or Sealed Lead Acid battery. The combination of few external
components and small package size keeps the converter
board area to a minimum in space-restricted applications.
FEATURES
* Inductor based converter brings up to 92% efficiency
* +0.8V to +8.0V input voltage range
* 0.92V guaranteed start up input voltage
* Boost up control using PFM
* Constant output current regulation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L5030L-AF5-R
L5030G-AF5-R
SOT-25
Tape Reel


Similar Part No. - L5030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5030 UTC-L5030 Datasheet
146Kb / 7P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
L5030-AF5-R UTC-L5030-AF5-R Datasheet
146Kb / 7P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
L5030G-AF5-R UTC-L5030G-AF5-R Datasheet
187Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
L5030 UTC-L5030_15 Datasheet
187Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
More results

Similar Description - L5030

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Unisonic Technologies
L5030 UTC-L5030 Datasheet
146Kb / 7P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Unisonic Technologies
L5030 UTC-L5030_15 Datasheet
187Kb / 6P
BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com