Electronic Components Datasheet Search
  English  ▼

X  

L5101 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L5101
Description  WHITE LED STEP-UP CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5101 Datasheet(HTML) 2 Page - Unisonic Technologies

  L5101 Datasheet HTML 1Page - Unisonic Technologies L5101 Datasheet HTML 2Page - Unisonic Technologies L5101 Datasheet HTML 3Page - Unisonic Technologies L5101 Datasheet HTML 4Page - Unisonic Technologies L5101 Datasheet HTML 5Page - Unisonic Technologies L5101 Datasheet HTML 6Page - Unisonic Technologies L5101 Datasheet HTML 7Page - Unisonic Technologies L5101 Datasheet HTML 8Page - Unisonic Technologies L5101 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L5101
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R103-026.B
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
SYMBOL
DESCRIPTION
1
Shutdown
SHDN Tie to higher than 1.5V to enable device, 0.3V or less to disable device.
2
Ground
GND
3
Feedback
FB
Reference voltage is 95mV. Connect cathode of lowest LED and
resistor here. Calculation formula: RFB=95mV/ILED
4
Switch
SW
Connect inductor/diode here. Minimize trace area at this pin to reduce
EMI.
5
Power input
VIN
Bypass VIN to GND with a capacitor sitting as close to VIN as possible.
6
Over voltage protection
OVP
The internal NPN will turn off when VOUT >27V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com