Electronic Components Datasheet Search
  English  ▼

X  

LD1985 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LD1985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 4 Page - Unisonic Technologies

  LD1985_11 Datasheet HTML 1Page - Unisonic Technologies LD1985_11 Datasheet HTML 2Page - Unisonic Technologies LD1985_11 Datasheet HTML 3Page - Unisonic Technologies LD1985_11 Datasheet HTML 4Page - Unisonic Technologies LD1985_11 Datasheet HTML 5Page - Unisonic Technologies LD1985_11 Datasheet HTML 6Page - Unisonic Technologies LD1985_11 Datasheet HTML 7Page - Unisonic Technologies LD1985_11 Datasheet HTML 8Page - Unisonic Technologies LD1985_11 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LD1985
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R102-021,G
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
7
V
INHIBIT Input Voltage
VINH
7
V
Output Current
IOUT
Internally limited
Power Dissipation
PD
Internally limited
Operating Junction Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
81
°C/W
ELECTRICAL CHARACTRISTICS
(TJ=25°C, VIN=VOUT+1V, IOUT=1mA, VSHDN=2V, CI=1μF, CO=1μF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage
VI(OPR)
2.5
7
V
Output Voltage
VOUT
VIN=2.5V
1.470
1.5
1.530
V
IOUT=1 ~ 150mA
1.455
1.545
V
Output Voltage
VOUT
VIN =2.8V
1.764
1.8
1.836
V
IOUT =1 ~ 150mA
1.746
1.854
V
Output Voltage
VOUT
VIN =3.5V
2.450
2.5
2.550
V
IOUT =1 ~ 150mA
2.425
2.575
V
Output Voltage
VOUT
VIN =3.8V
2.744
2.8
2.856
V
IOUT =1 ~ 150mA
2.716
2.884
V
Output Voltage
VOUT
VIN =3.85V
2.793
2.85
2.907
V
IOUT =1 ~ 150mA
2.764
2.936
V
Output Voltage
VOUT
VIN =4.0V
2.940
3.0
3.060
V
IOUT =1 ~ 150mA
2.910
3.090
V
Output Voltage
VOUT
VIN =4.1V
3.038
3.1
3.162
V
IOUT =1 ~ 150mA
3.007
3.193
V
Output Voltage
VOUT
VIN =4.2V
3.136
3.2
3.264
V
IOUT =1 ~ 150mA
3.104
3.296
V
Output Voltage
VOUT
VIN =4.3V
3.234
3.3
3.366
V
IOUT =1 ~ 150mA
3.201
3.399
V
Output Voltage
VOUT
VIN =4.5V
3.430
3.5
3.570
V
IOUT =1 ~ 150mA
3.395
3.605
V
Output Voltage
VOUT
VIN =4.6V
3.528
3.6
3.672
V
IOUT =1 ~ 150mA
3.492
3.708
V
Output Voltage
VOUT
VIN =4.8V
3.724
3.8
3.876
V
IOUT =1 ~ 150mA
3.686
3.914
V
Output Voltage
VOUT
VIN =5.0V
3.920
4
4.080
V
IOUT =1 ~ 150mA
3.880
4.120
V
Output Voltage
VOUT
VIN =5.7V
4.606
4.7
4.794
V
IOUT =1 ~ 150mA
4.559
4.841
V
Output Voltage
VOUT
VIN =6.0V
4.900
5
5.100
V
IOUT =1 ~ 150mA
4.850
5.150
V
Short Circuit Current
ISC
RL=0
400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com