Electronic Components Datasheet Search
  English  ▼

X  

LD2117AL-XX-AA3B-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LD2117AL-XX-AA3B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2117AL-XX-AA3B-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LD2117AL-XX-AA3B-R Datasheet HTML 3Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 4Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 5Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 6Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 7Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 8Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 9Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 10Page - Unisonic Technologies LD2117AL-XX-AA3B-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LD2117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R102-042.D
ELECTRICAL CHARACTERISTICS(Cont.)
For LD2117/A-ADJ
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
VIN-VOUT=2V, IOUT=10mA, TJ=25°C
1.125
1.25
1.375
V
Reference Voltage
VREF
VIN-VOUT=1.4~10V
LD2117A : IOUT=10~1000mA
1.125
1.25
1.375
V
Line Regulation
ΔVOUT VIN-VOUT=1.5 ~ 13.75V, IOUT=10mA
0.035
0.2
%
Load Regulation
ΔVOUT
VIN-VOUT=3V
LD2117 : IOUT=10~800mA
LD2117A : IOUT=10~1000mA
0.1
0.4
%
Temperature stability
ΔVOUT
0.50
%
Long Term Stability
ΔVOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
15
V
Adjustment Pin Current
IADJ
VIN≤15V
7
10
μA
Adjustment Pin Current Change
ΔIADJ
VIN-VOUT=1.4~10V,
LD2117A : IOUT=10 ~ 1000mA
0.3
2
μA
Minimum Load Current
IO(MIN)
VIN=15V
0.3
1
mA
Current Limit
ILIMIT
VIN-VOUT=5V, TJ=25°C
LD2117
800
mA
LD2117A
1000
Output Noise (%VO)
eN
B=10Hz ~ 10KHz, TJ=25°C
0.003
%
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C,
VIN-VOUT=3V, VRIPPLE=1VPP
75
dB
Dropout Voltage
VD
IOUT=100mA
1.05
1.15
V
IOUT=500mA
1.15
1.25
IOUT=800mA
1.18
1.28
IOUT=1A
1.22
1.35
Thermal Regulation
TA=25°C, 30ms Pulse
0.01
0.10
%/W
Thermal Shutdown
OTP
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com