Electronic Components Datasheet Search
  English  ▼

X  

LD2117L-XX-AA3B-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LD2117L-XX-AA3B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2117L-XX-AA3B-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LD2117L-XX-AA3B-R Datasheet HTML 4Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 5Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 6Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 7Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 8Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 9Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 10Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 11Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LD2117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R102-042.D
APPLICATION NOTE of LD2117/A ADJUSTABLE
The LD2117/A adjustable has a reference voltage of between the OUT and ADJ pins. IADJ is 7μA typ. (10μA
max.) and
ΔIADJ is 0.3μA typ. (2µA max.).
R1 is normally fixed to 1.2kΩ.
From figure 4 we obtain:
VOUT=VREF+R2(IADJ+IR1)=VREF + R2(IADJ+VREF/R1)=VREF(1+R2/R1) + R2 × IADJ.
Usually R2 value is in the range of few KΩ, so the R2 X IADJ product could be neglected; then the above
expression becomes: VOUT=VREF(1+R2/R1)
For better load regulation, realize a good Kelvin connection of R1 and R2 is important. Particularly R1 connection
must be realized very close to OUT and ADJ pin, while R2 ground connection must be placed as near as possible to
the negative Load pin. Ripple rejection can be improved by introducing a 10
μF electrolytic capacitor placed in
parallel to the R2 resistor (See Fig. 5)
The UTC LD2117/A also supports MLCC. See Fig.6 for adjustable output and Fig.7 for fixed Output
IN
OUT
ADJ
UTC LD2117/A
+
+
10µF
10µF
R1
1.2kΩ
VIN
VOUT
VREF
R2
Fig.4 Adjustable Output Voltage Application Circuit
Fig.5 Adjustable Output Voltage Application with improved Ripple Rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com