Electronic Components Datasheet Search
  English  ▼

X  

7N70 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N70
Description  7A, 700V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N70 Datasheet(HTML) 2 Page - Unisonic Technologies

  7N70 Datasheet HTML 1Page - Unisonic Technologies 7N70 Datasheet HTML 2Page - Unisonic Technologies 7N70 Datasheet HTML 3Page - Unisonic Technologies 7N70 Datasheet HTML 4Page - Unisonic Technologies 7N70 Datasheet HTML 5Page - Unisonic Technologies 7N70 Datasheet HTML 6Page - Unisonic Technologies 7N70 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-103,C
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC = 25°C
ID
7.0
A
TC = 100°C
4.7
A
Drain Current Pulsed (Note 2)
IDM
28
A
Avalanche Energy, Single Pulsed (Note 3)
EAS
530
mJ
Avalanche Energy, Repetitive, Limited by TJMAX
EAR
14.2
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation (TC = 25°C)
TO-220F
PD
142
W
TO-220F1
48
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 19.5mH, IAS = 7.0A, VDD = 50V, RG = 0 Ω, Starting TJ = 25°C
4. ISD ≤ 7.0A, di/dt ≤100A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F
θJA
62.5
°C/W
TO-220F1
62.5
°C/W
Junction to Case
TO-220F
θJC
0.88
°C/W
TO-220F1
2.6
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com